Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC21 Datasheet(PDF) 7 Page - Microchip Technology

Part # 24LC21
Description  1K 2.5V Dual Mode I2C??Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC21 Datasheet(HTML) 7 Page - Microchip Technology

Back Button 24LC21_13 Datasheet HTML 3Page - Microchip Technology 24LC21_13 Datasheet HTML 4Page - Microchip Technology 24LC21_13 Datasheet HTML 5Page - Microchip Technology 24LC21_13 Datasheet HTML 6Page - Microchip Technology 24LC21_13 Datasheet HTML 7Page - Microchip Technology 24LC21_13 Datasheet HTML 8Page - Microchip Technology 24LC21_13 Datasheet HTML 9Page - Microchip Technology 24LC21_13 Datasheet HTML 10Page - Microchip Technology 24LC21_13 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
 1994-2012 Microchip Technology Inc.
DS21095K-page 7
24LC21
3.1.6
SLAVE ADDRESS
After generating a Start condition, the bus master trans-
mits the slave address consisting of a 7-bit device code
‘1010’ for the 24LC21, followed by three “don’t care”
bits.
The eighth bit of slave address determines if the master
device wants to read or write to the 24LC21 (Figure 3-5).
The 24LC21 monitors the bus for its corresponding
slave
address
all
the
time.
It
generates
an
Acknowledge bit if the slave address was true and it is
not in a programming mode.
FIGURE 3-5:
CONTROL BYTE
ALLOCATION
4.0
WRITE OPERATION
4.1
Byte Write
Following the Start signal from the master, the slave
address (4 bits), the “don’t care” bits (3 bits) and the
R/W bit which is a logic low, is placed onto the bus by
the
master
transmitter.
This
indicates
to
the
addressed slave receiver that a byte with a word
address will follow after it has generated an Acknowl-
edge bit during the ninth clock cycle. Therefore, the
next byte transmitted by the master is the word
address and will be written into the address pointer of
the 24LC21. After receiving another Acknowledge
signal from the 24LC21 the master device will transmit
the data word to be written into the addressed mem-
ory location. The 24LC21 acknowledges again and
the master generates a Stop condition. This initiates
the internal write cycle, and during this time the
24LC21 will not generate Acknowledge signals
(Figure 4-1).
It is required that VCLK be held at a logic high level in
order to program the device. This applies to byte write
and page write operation. Note that VCLK can go low
while the device is in its self-timed program operation
and not affect programming.
4.2
Page Write
The write control byte, word address and the first data
byte are transmitted to the 24LC21 in the same way as
in a byte write. But instead of generating a Stop condi-
tion the master transmits up to eight data bytes to the
24LC21, which are temporarily stored in the on-chip
page buffer and will be written into the memory after the
master has transmitted a Stop condition. After the
receipt of each word, the three lower order address
pointer bits are internally incremented by one. The
higher order five bits of the word address remains
constant. If the master should transmit more than eight
words prior to generating the Stop condition, the
address counter will roll over and the previously
received data will be overwritten. As with the byte write
operation, once the Stop condition is received an
internal write cycle will begin (Figure 4-3).
Operation
Control Code
Chip Select
R/W
Read
1010
xxx
1
Write
1010
xxx
0
SLAVE ADDRESS
101
0x
x
x
R/W
A
Start
Read/Write
21095K.book Page 7 Wednesday, December 5, 2012 2:28 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com