Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC646 Datasheet(PDF) 5 Page - Microchip Technology

Part # DTC646
Description  PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DTC646 Datasheet(HTML) 5 Page - Microchip Technology

  DTC646 Datasheet HTML 1Page - Microchip Technology DTC646 Datasheet HTML 2Page - Microchip Technology DTC646 Datasheet HTML 3Page - Microchip Technology DTC646 Datasheet HTML 4Page - Microchip Technology DTC646 Datasheet HTML 5Page - Microchip Technology DTC646 Datasheet HTML 6Page - Microchip Technology DTC646 Datasheet HTML 7Page - Microchip Technology DTC646 Datasheet HTML 8Page - Microchip Technology DTC646 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
 2002-2012 Microchip Technology Inc.
DS21446D-page 5
TC646
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
2.1
Analog Input (VIN)
The thermistor network (or other temperature sensor)
connects to the VIN input. A voltage range of 1.25V to
2.65V (typical) on this pin drives an active duty cycle of
0% to 100% on the VOUT pin. The TC646 enters shut-
down mode when VIN VSHDN. During shutdown, the
FAULT output is inactive, and supply current falls to
25 µA (typical). The TC646 exits shutdown mode
when VIN VREL (see Section 5.0, “Typical
Applications”, for details).
2.2
Analog Output (CF)
CF is the positive terminal for the PWM ramp generator
timing capacitor. The recommended CF is 1 µF for
30 Hz PWM operation.
2.3
Analog Input (VAS)
An external resistor divider connected to the VAS input
sets the auto-shutdown threshold. Auto-shutdown
occurs when VIN VAS. The fan is automatically
restarted when VIN (VAS + VHAS) (see Section 5.0,
“Typical Applications”, for more details).
2.4
Ground (GND)
GND denotes the ground terminal.
2.5
Analog Input (SENSE)
Pulses are detected at the SENSE pin as fan rotation
chops the current through a sense resistor (RSENSE).
The absence of pulses
indicates
a fault (see
Section 5.0, “Typical Applications”, for more details).
2.6
Digital Output (FAULT)
The FAULT line goes low to indicate a fault condition.
When FAULT goes low due to a fan fault condition, the
device is latched in shutdown mode until deliberately
cleared or until power is cycled. FAULT will also be
asserted when the PWM reaches 100% duty cycle,
indicating that maximum cooling capability has been
reached and a possible over-temperature condition
may occur. This is a non-latching state and the FAULT
output will go high when the PWM duty cycle goes
below 100%.
2.7
Digital Output (VOUT)
VOUT is an active high complimentary output that drives
the base of an external NPN transistor (via an appropri-
ate base resistor) or the gate of an N-channel MOS-
FET.
This
output
has
asymmetrical
drive
(see
Section 1.0, “Electrical Characteristics”).
2.8
Power Supply Input (VDD)
VDD may be independent of the fan’s power supply
(see Section 1.0, “Electrical Characteristics”).
Pin No.
Symbol
Description
1VIN
Analog Input
2CF
Analog Output
3VAS
Analog Input
4
GND
Ground Terminal
5
SENSE
Analog Input
6FAULT
Digital (Open Collector) Output
7VOUT
Digital Output
8VDD
Power Supply Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com