Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1525 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP1525
Description  2.5V and 4.096V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1525 Datasheet(HTML) 2 Page - Microchip Technology

  MCP1525_13 Datasheet HTML 1Page - Microchip Technology MCP1525_13 Datasheet HTML 2Page - Microchip Technology MCP1525_13 Datasheet HTML 3Page - Microchip Technology MCP1525_13 Datasheet HTML 4Page - Microchip Technology MCP1525_13 Datasheet HTML 5Page - Microchip Technology MCP1525_13 Datasheet HTML 6Page - Microchip Technology MCP1525_13 Datasheet HTML 7Page - Microchip Technology MCP1525_13 Datasheet HTML 8Page - Microchip Technology MCP1525_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MCP1525/41
DS21653C-page 2
 2001-2012 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VIN –VSS..........................................................................7.0V
Input Current (VIN) .......................................................20 mA
Output Current (VOUT) .............................................. ±20 mA
Continuous Power Dissipation (TA = 125°C)............. 140 mW
All Inputs and Outputs .....................VSS – 0.6V to VIN +1.0V
Storage Temperature.....................................-65°C to +150°C
Maximum Junction Temperature (TJ) ..........................+125°C
ESD protection on all pins (HBM)
4kV
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification is not
implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA =+25°C, VIN = 5.0V, VSS =GND, IOUT =0 mA and CL =1 µF.
Parameter
Sym
Min
Typ
Max
Units
Conditions
Output
Output Voltage, MCP1525
VOUT
2.475
2.5
2.525
V
2.7V
V
IN  5.5V
Output Voltage, MCP1541
VOUT
4.055
4.096
4.137
V
4.3V
V
IN  5.5V
Output Voltage Drift
TCVOUT
—27
50
ppm/°C
TA = -40°C to 85°C (Note 1)
Long-Term Output Stability
VOUT
—
2
—
ppm/hr
Exposed 1008 hrs @ +125°C
(see Figure 1-1), measured @ +25°C
Load Regulation
V
OUT/IOUT
—0.5
1
mV/mA
IOUT = 0 mA to -2 mA
V
OUT/IOUT
—0.6
1
mV/mA
IOUT = 0 mA to 2 mA
V
OUT/IOUT
——
1.3
mV/mA
IOUT = 0 mA to -2 mA,
TA = -40°C to 85°C
V
OUT/IOUT
——
1.3
mV/mA
IOUT = 0 mA to 2 mA,
TA = -40°C to 85°C
Output Voltage Hysteresis
VHYS
—
115
—
ppm
Note 2
Maximum Load Current
ISC
—±8
—
mA
TA = -40°C to 85°C, VIN = 5.5V
Input-to-Output
Dropout Voltage
VDROP
—137
—
mV
IOUT = 2 mA
Line Regulation
V
OUT/VIN
—
107
300
µV/V
VIN = 2.7V to 5.5V for MCP1525,
VIN = 4.3V to 5.5V for MCP1541
V
OUT/VIN
——
350
µV/V
VIN = 2.7V to 5.5V for MCP1525,
VIN = 4.3V to 5.5V for MCP1541,
TA = -40°C to 85°C
Input
Input Voltage, MCP1525
VIN
2.7
—
5.5
V
TA = -40°C to 85°C
Input Voltage, MCP1541
VIN
4.3
—
5.5
V
TA = -40°C to 85°C
Input Current
IIN
—
86
100
µA
No load
IIN
—
95
120
µA
No load, TA = -40°C to 85°C
Note
1:
Output temperature coefficient is measured using a “box” method, where the +25°C output voltage is trimmed as close
to typical as possible. The 85°C output voltage is then again trimmed to zero out the tempco.
2:
Output Voltage Hysteresis is defined as the change in output voltage measured at +25°C before and after cycling the
temperature to +85°C and -40°C; refer to Section 1.1.10 “Output Voltage Hysteresis”.
21653C.book Page 2 Thursday, January 10, 2013 12:55 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com