Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1525 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1525
Description  2.5V and 4.096V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1525 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1525 Datasheet HTML 2Page - Microchip Technology MCP1525 Datasheet HTML 3Page - Microchip Technology MCP1525 Datasheet HTML 4Page - Microchip Technology MCP1525 Datasheet HTML 5Page - Microchip Technology MCP1525 Datasheet HTML 6Page - Microchip Technology MCP1525 Datasheet HTML 7Page - Microchip Technology MCP1525 Datasheet HTML 8Page - Microchip Technology MCP1525 Datasheet HTML 9Page - Microchip Technology MCP1525 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MCP1525/41
DS21653C-page 6
 2001-2012 Microchip Technology Inc.
Note: Unless otherwise indicated, TA =+25°C, VIN = 5.0V, VSS = GND, IOUT = 0 mA and CL =1µF.
FIGURE 2-7:
Input Voltage Rejection
Ratio vs. Frequency.
FIGURE 2-8:
Output Voltage vs. Input
Voltage.
FIGURE 2-9:
Output Voltage Aging vs.
Time (MCP1525 Device Life Test data)
FIGURE 2-10:
MCP1541 Output Voltage
vs. Output Current.
FIGURE 2-11:
MCP1525 Output Voltage
vs. Output Current.
FIGURE 2-12:
Maximum Load Current vs.
Input Voltage
30
40
50
60
70
80
90
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
Frequency (Hz)
MCP1525
1
10
100
1k
10k
100k
MCP1541
2.498
2.499
2.500
2.501
2.502
2.503
2.504
2.505
2.506
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
4.090
4.091
4.092
4.093
4.094
4.095
4.096
4.097
4.098
IOUT = +2 mA
IOUT = 0 mA
IOUT = -2 mA
-10
-8
-6
-4
-2
0
2
4
6
8
10
0
200
400
600
800
1000
Time (hr)
Average
-3
MCP1525
600 Samples
+3
Life Test (TA = +125°C)
4.0950
4.0955
4.0960
4.0965
4.0970
4.0975
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
Output Current (mA)
MCP1541
2.4990
2.4995
2.5000
2.5005
2.5010
2.5015
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
Output Current (mA)
MCP1525
7.0
7.5
8.0
8.5
9.0
9.5
10.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
Source
MCP1525
MCP1541
MCP1541
Sink
21653C.book Page 6 Thursday, January 10, 2013 12:55 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com