Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP18480 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP18480
Description  -48V Hot Swap Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP18480 Datasheet(HTML) 4 Page - Microchip Technology

  MCP18480_13 Datasheet HTML 1Page - Microchip Technology MCP18480_13 Datasheet HTML 2Page - Microchip Technology MCP18480_13 Datasheet HTML 3Page - Microchip Technology MCP18480_13 Datasheet HTML 4Page - Microchip Technology MCP18480_13 Datasheet HTML 5Page - Microchip Technology MCP18480_13 Datasheet HTML 6Page - Microchip Technology MCP18480_13 Datasheet HTML 7Page - Microchip Technology MCP18480_13 Datasheet HTML 8Page - Microchip Technology MCP18480_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
MCP18480
DS20091C-page 4
 2002-2012 Microchip Technology Inc.
DC Characteristics (Continued)
Electrical Specification: Unless otherwise specified, operating temperature: –40
C  T
A  +85C (Industrial),
Supply Current: 5 mA
 I
POS  25 mA, RISET = 125 kCBYP = 2 µF
Param.
No.
Parameter
Sym
Min
Typ (1)
Max
Units
Conditions
MD020
DRAIN pin current
IDRAIN
—
—
0.1
µA
DRAINTH pin = VNEG
MD021
SENSE pin current
ISENSE
——
0.1
µA
MD022
GATE pin current
Pull-up
IGATE
SENSE pin = VNEG
GATE pin = VNEG +4V
MD022A
-30
-50
-75
µA
VFB = VNEG
MD022B
-9
-17
-33
µA
VFB = VNEG + 500 mV
MD022C
Pull-down
IGATE
31
49
72
mA
Any fault condition
MD023
UVD pin current
IUVD
-7
-10
-15
µA
UVTH < VREFIN
MD024A
TIMER pin current
Pull-up
ITIMER
-100
-160
-200
µA
RISET = 125 k,
VREFIN = 2.5V
MD024B
Pull-down
52
78
104
nA
RISET = 125 k,
VREFIN = 2.5V
RDISCH = 1.6 M
MD025
ISET pin current
IISET
VISET(MIN)
—VISET(MAX)
A
See MD011
RISET(MAX)
RISET(MIN)
Note
1: Data in the Typical (“Typ”) column is based on characterization results at +25
C. This data is for design guidance only
and is not tested.
2: Negative current is defined as current sourced by the pin.
3: All voltages are with respect to the VNEG pin voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com