Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC120 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC120
Description  PWM/PFM Step-Down Combination Regulator/Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC120 Datasheet(HTML) 2 Page - Microchip Technology

  TC120_13 Datasheet HTML 1Page - Microchip Technology TC120_13 Datasheet HTML 2Page - Microchip Technology TC120_13 Datasheet HTML 3Page - Microchip Technology TC120_13 Datasheet HTML 4Page - Microchip Technology TC120_13 Datasheet HTML 5Page - Microchip Technology TC120_13 Datasheet HTML 6Page - Microchip Technology TC120_13 Datasheet HTML 7Page - Microchip Technology TC120_13 Datasheet HTML 8Page - Microchip Technology TC120_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TC120
DS21365C-page 2
 2001-2012 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Power Supply Voltage (VIN).................... -0.3V to +12V
Voltage on VOUT Pin ............................... -0.3V to +12V
Voltage on LX, Boost Pins
................................... (VIN – 12V) to (VIN + 0.3V)
Voltage on EXT1, EXT2, SHDN Pins
.......................................... (-0.3V) to (VIN + 0.3V)
LX Pin Current .............................................. 700mA pk
EXT1, EXT2 Pin Current ...................................±50mA
Continuous Power Dissipation .........................300mW
Operating Temperature Range............. -40°C to +85°C
Storage Temperature Range ..............-40°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC120 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Test circuit of Figure 3-1, TA = 25C, VIN = VR x 1.2, Note 1 unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VOUT
Output Voltage
VR x 0.975 VR ± 0.5% VR x 1.025
V
VOUT = 3.0V
VOUT = 3.3V
VOUT = 5.0V
IOUT = 120mA (Note 1)
IOUT = 132mA
IOUT = 200mA
VIN
Input Voltage
1.8
—
10.0
V
IOUTMAX Maximum Output Current
500
600
600
—
—
—
—
—
—
mA
VOUT = 3.0V
VOUT = 3.3V
VOUT = 5.0V
IIN
Supply Current
—
52
55
71
82
86
110
AV
OUT = 3.0V
VOUT = 3.3V
VOUT = 5.0V
VIN = VR x 1.05, no load
ISHDN
Shutdown Supply Current
—
1.5
2.5
A
No load, SHDN = 0V, (Note 2)
ILX
LX Pin Leakage Current
—
—
—
1.5
2
2.5
A
Measured at EXT1 Pin (Note 2)
No load, SHDN = 0V
RDSON(L
X
)
LX Pin ON Resistance
—
—
—
0.69
0.64
0.44
0.94
0.85
0.58
VOUT = 3.0V
VOUT = 3.3V
VOUT = 5.0V
VOUT = VR x 0.9 (Note 2)
VLX = VIN – 0.2V, 10
Resistor from LX to VIN,
SHDN = VIN
REXTH
EXT1, EXT2
On Resistance to VIN
—
—
—
38
35
24
52
47
32
VOUT = 3.0V
VOUT = 3.3V
VOUT = 5.0V
SHDN = VIH; EXT1 and EXT2
connected to 200
 load,
VEXT1 = VEXT2 = (VIN – 0.4V);
VOUT = VIN (Note 2)
REXTL
EXT1, EXT2
On Resistance to GND
—
—
—
31
29
20
41
37
26
VOUT = 3.0V
VOUT = 3.3V
VOUT = 5.0V
SHDN = VIH; EXT1 and EXT2
pulled up through a series
resistance of 200
to a voltage
such that VEXT1, 2 = 0.4V
fOSC
Oscillator Frequency
255
300
345
kHz
Measured at EXT1 Pin,
VIN = VOUT + 0.3V,
IOUT = 20mA (Note 3)
DPWM
Maximum PWM Duty Cycle
—
—
100
%
DPFM
PFM Duty Cycle
15
25
35
%
No load
Efficiency
—
95
—
%
VIN > VR x 1.2
Note
1:
VR is the factory-programmed output voltage setting.
2:
No external components connected, except CSS.
3:
While operating in PWM Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com