Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSW01 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPSW01
Description  One Watt High Current Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPSW01 Datasheet(HTML) 3 Page - Motorola, Inc

  MPSW01 Datasheet HTML 1Page - Motorola, Inc MPSW01 Datasheet HTML 2Page - Motorola, Inc MPSW01 Datasheet HTML 3Page - Motorola, Inc MPSW01 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPSW01 MPSW01A
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 5. Current Gain — Bandwidth Product
Figure 6. Capacitance
Figure 7. Active Region — Safe Operating
Area
50
10
IC, COLLECTOR CURRENT (mA)
300
200
70
50
30
VR, REVERSE VOLTAGE (VOLTS)
80
60
40
0
1.0
VCE, COLLECTOR–EMITTER VOLTAGE (V)
500
100
50
TJ = 25°C
20
100
10
Cobo
5.0
200
1000
100
20
15
25
20
10
20
200
1 k
5.0
2.0
10
20
30 40
2.0
Cibo
1.0
4.0
3.0
5.0
TA = 25°C
TC = 25°C
VCE = 10 V
TJ = 25°C
f = 20 MHz
Cibo
Cobo
DUTY CYCLE
≤ 10%
MPSW01
MPSW01A
100
ms
1.0 s
1.0 ms
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com