Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC650 Datasheet(PDF) 15 Page - Microchip Technology

Part # TC650
Description  Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC650 Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC650_13 Datasheet HTML 10Page - Microchip Technology TC650_13 Datasheet HTML 11Page - Microchip Technology TC650_13 Datasheet HTML 12Page - Microchip Technology TC650_13 Datasheet HTML 13Page - Microchip Technology TC650_13 Datasheet HTML 14Page - Microchip Technology TC650_13 Datasheet HTML 15Page - Microchip Technology TC650_13 Datasheet HTML 16Page - Microchip Technology TC650_13 Datasheet HTML 17Page - Microchip Technology TC650_13 Datasheet HTML 18Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
 2001-2012 Microchip Technology Inc.
DS21450D-page 15
TC650/TC651
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
PART NO.
X
XX
Package
Temperature
Range
Device
Device:
TC650: Temp Sensor & Brushless DC Fan Controller /
Overtemperature Alert (minimum speed)
TC651: Temp Sensor & Brushless DC Fan Controller /
Overtemperature Alert (auto shutdown)
Temperature
Threshold Limit:
Temperature
Difference
TL
(1,2)
TH
(1,3)
Threshold
Limit Code
10°C
25
30
35
35
40
45
AC
BD
CE
15°C
25
30
35
40
45
50
AD
BE
CF
20°C
25
30
35
45
50
55
AE
BF
CG
30°C
25
55
AG
1. TL and TH can be selected in 5°C increments.
2. TL can range from 25°C to 35°C.
3. TH can range from 35°C to 55°C and must be at least 10°C higher than TL.
Temperature Range:
V =
-40
C to +125C (Extended)
Package:
UA
= Plastic Micro Small Outline (MSOP), 8-lead
UATR = Plastic Micro Small Outline (MSOP), 8-lead
(Tape and Reel)
Examples:
a)
TC650ACVUA:
Temp Sensor
TL = 25, TH = 35
b)
TC651ACVUATR:
Temp Sensor
TL = 25, TH = 35
Tape and Reel
c)
TC650AEVUA:
Temp Sensor
TL = 25, TH = 45
d)
TC651AGVUA:
Temp Sensor
TL = 25, TH = 55
e)
TC650BEVUA:
Temp Sensor
TL = 30, TH = 45
f)
TC651CGVUA:
Temp Sensor
TL = 35, TH = 55
g)
TC650CGVUATR:
Temp Sensor
TL = 35, TH = 55
Tape and Reel
XX
Temperature
Threshold
Limit
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com