Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC682 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC682
Description  Inverting Voltage Doubler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC682 Datasheet(HTML) 4 Page - Microchip Technology

  TC682_13 Datasheet HTML 1Page - Microchip Technology TC682_13 Datasheet HTML 2Page - Microchip Technology TC682_13 Datasheet HTML 3Page - Microchip Technology TC682_13 Datasheet HTML 4Page - Microchip Technology TC682_13 Datasheet HTML 5Page - Microchip Technology TC682_13 Datasheet HTML 6Page - Microchip Technology TC682_13 Datasheet HTML 7Page - Microchip Technology TC682_13 Datasheet HTML 8Page - Microchip Technology TC682_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TC682
DS21453D-page 4
 2002-2012 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
FIGURE 3-1:
TC682 Test Circuit
3.1
Phase 1
VSS charge storage – before this phase of the clock
cycle, capacitor C1 is already charged to +5V. C1
+ is
then switched to ground and the charge in C1
is
transferred to C2
. Since C
2
+ is at +5V, the voltage
potential across capacitor C2 is now -10V.
FIGURE 3-2:
Charge Pump – Phase 1
3.2
Phase 2
VSS transfer – phase two of the clock connects the neg-
ative terminal of C2 to the negative side of reservoir
capacitor C3 and the positive terminal of C2 to ground,
transferring the generated -10V to C3. Simultaneously,
the positive side of capacitor C1 is switched to +5V and
the negative side is connected to ground. C2 is then
switched to VCC and GND and Phase 1 begins again.
FIGURE 3-3:
Charge Pump – Phase 2
3.3
Maximum Operating Limits
The TC682 has on-chip Zener diodes that clamp VIN
to approximately 5.8V, and VOUT to -11.6V. Never
exceed the maximum supply voltage or excessive
current will be shunted by these diodes, potentially
damaging the chip. The TC682 will operate over the
entire operating temperature range with an input
voltage of 2V to 5.5V.
3.4
Efficiency Considerations
Theoretically a charge pump voltage multiplier can
approach
100%
efficiency
under
the
following
conditions:
• The charge pump switches have virtually no offset
and are extremely low on resistance.
• Minimal power is consumed by the drive circuitry.
• The impedances of the reservoir and pump
capacitors are negligible.
For the TC682, efficiency is as shown below:
Voltage Efficiency = VOUT / (-2VIN)
VOUT = -2VIN + VDROP
VDROP = (IOUT) (ROUT)
Power Loss
= IOUT (VDROP)
There will be a substantial voltage difference between
VOUT and -2VIN if the impedances of the pump capaci-
tors C1 and C2 are high with respect to their respective
output loads.
Larger values of reservoir capacitor C3 will reduce
output ripple. Larger values of both pump and reservoir
capacitors improve the efficiency. See Section 4.2
“Capacitor Selection” “Capacitor Selection”.
(+5V)
6
7
1
2
3
5
4
RL
GND
+
+
+
GND
VIN
All Caps = 3.3
μF
TC682
VOUT
C1+
VIN
C2+
C1
C2
COUT
V–OUT
C1
C2
VIN = +5V
VOUT
-5V
SW4
SW1
SW2
SW3
C2
C3
C1
+
+
+
+5V
VOUT
-10V
SW4
SW2
SW1
SW3
C2
C3
C1
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com