Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD584TH Datasheet(PDF) 8 Page - Analog Devices

Part # AD584TH
Description  Pin Programmable, Precision Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD584TH Datasheet(HTML) 8 Page - Analog Devices

Back Button AD584TH Datasheet HTML 4Page - Analog Devices AD584TH Datasheet HTML 5Page - Analog Devices AD584TH Datasheet HTML 6Page - Analog Devices AD584TH Datasheet HTML 7Page - Analog Devices AD584TH Datasheet HTML 8Page - Analog Devices AD584TH Datasheet HTML 9Page - Analog Devices AD584TH Datasheet HTML 10Page - Analog Devices AD584TH Datasheet HTML 11Page - Analog Devices AD584TH Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD584
Data Sheet
Rev. C | Page 8 of 12
NOISE FILTERING
The bandwidth of the output amplifier in the AD584 can be
reduced to filter output noise. A capacitor ranging between 0.01 µF
and 0.1 µF connected between the CAP and VBG terminals further
reduces the wideband and feedthrough noise in the output of
the AD584, as shown in Figure 9 and Figure 10. However, this
tends to increase the turn-on settling time of the device; therefore,
allow for ample warm-up time.
Figure 9. Additional Noise Filtering with an External Capacitor
Figure 10. Spectral Noise Density and Total RMS Noise vs. Frequency
USING THE STROBE TERMINAL
The AD584 has a strobe input that can be used to zero the output.
This unique feature permits a variety of new applications in
signal and power conditioning circuits.
Figure 11 illustrates the strobe connection. A simple NPN switch
can be used to translate a TTL logic signal into a strobe of the
output. The AD584 operates normally when there is no current
drawn from Pin 5. Bringing this terminal low, to less than 200 mV,
allows the output voltage to go to zero. In this mode, the AD584
is not required to source or sink current (unless a 0.7 V residual
output is permissible). If the AD584 is required to sink a transient
current while strobe is off, limit the strobe terminal input current
by a 100 Ω resistor, as shown in Figure 11.
Figure 11. Use of the Strobe Terminal
The strobe terminal tolerates up to 5 µA leakage, and its driver
should be capable of sinking 500 µA continuous. A low leakage,
open collector gate can be used to drive the strobe terminal directly,
provided the gate can withstand the AD584 output voltage plus 1 V.
PERCISION HIGH CURRENT SUPPLY
The AD584 can be easily connected to a power PNP or power
PNP Darlington device to provide much greater output current
capability. The circuit shown in Figure 12 delivers a precision
10 V output with up to 4 A supplied to the load. If the load has a
significant capacitive component, the 0.1 µF capacitor is required.
If the load is purely resistive, improved high frequency, supply
rejection results from removing the capacitor.
Figure 12. High Current Precision Supply
AD584
1
10.0V
8
SUPPLY
V+
4
COMMON
7
CAP
6
VBG
0.01µF*
TO
0.1µF
*INCREASES TURN-ON TIME
1000
100
1
10
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
NOISE SPECTRAL DENSITY (nV/ Hz)
TOTAL NOISE (µV rms) UP TO
SPECIFIED FREQUENCY
NO CAP
NO CAP
100pF
1000pF
0.01µF
AD584
1
10.0V
2
3
8
V+
4
COMMON
5
STROBE
10kΩ
20kΩ
2N2222
100Ω
LOGIC
INPUT
HI = OFF
LO = ON
AD584
1
10.0V
VOUT
10V @ 4A
8
V+
4
COMMON
470Ω
0.1µF
VIN ≥ 15V
2N6040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com