Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1016 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC1016
Description  80 mA, Tiny CMOS LDO With Shutdown
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1016 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC1016_13 Datasheet HTML 6Page - Microchip Technology TC1016_13 Datasheet HTML 7Page - Microchip Technology TC1016_13 Datasheet HTML 8Page - Microchip Technology TC1016_13 Datasheet HTML 9Page - Microchip Technology TC1016_13 Datasheet HTML 10Page - Microchip Technology TC1016_13 Datasheet HTML 11Page - Microchip Technology TC1016_13 Datasheet HTML 12Page - Microchip Technology TC1016_13 Datasheet HTML 13Page - Microchip Technology TC1016_13 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TC1016
DS21666B-page 10
© 2005 Microchip Technology Inc.
4.1
Input Capacitor
Low input source impedance is necessary for the LDO
to operate properly. When operating from batteries, or
in applications with long lead length (> 10") between
the input source and the LDO, some input capacitance
is required. A minimum of 0.1 µF is recommended for
most applications and the capacitor should be placed
as close to the input of the LDO as is practical. Larger
input capacitors will help reduce the input impedance
and further reduce any high-frequency noise on the
input and output of the LDO.
4.2
Output Capacitor
A minimum output capacitance of 1 µF for the TC1016
is required for stability. The ESR requirements on the
output capacitor are between 0 and 2 ohms. The output
capacitor should be located as close to the LDO output
as is practical. Ceramic materials X7R and X5R have
low temperature coefficients and are well within the
acceptable ESR range required. A typical 1 µF X5R
0805 capacitor has an ESR of 50 milli-ohms. Larger
output capacitors can be used with the TC1016 to
improve dynamic behavior and input ripple rejection
performance.
Ceramic, aluminum electrolytic or tantalum capacitor
types can be used. Since many aluminum electrolytic
capacitors freeze at approximately –30
°C, ceramic or
solid tantalums are recommended for applications
operating below –25
°C. When operating from sources
other than batteries, supply noise rejection and tran-
sient response can be improved by increasing the
value of the input and output capacitors, and by
employing passive filtering techniques.
4.3
Turn-On Response
The turn on response is defined as two separate
response categories, Wake-up Time (tWK) and Settling
Time (tS).
The TC1016 has a fast tWK (10 µsec, typ.) when
released from shutdown. Figure 4-3 provides the
TC1016’s tWK. The tWK is defined as the time it takes
for the output to rise to 2% of the VOUT value after being
released from shutdown.
The total turn-on response is defined as the t
S (see
Figure 4-3). The t
S (inclusive with t
WK) is defined as the
condition when the output is within 98% of its fully
enabled value (42 µsec, typ.) when released from shut-
down. The settling time of the output voltage is
dependent on load conditions and output capacitance
on VOUT (RC response).
Table 4-1 demonstrates the typical turn-on response
timing for different input voltage power-up frequencies:
VOUT = 2.8V, VIN = 5.0V, IOUT = 60 mA and COUT = 1 µF.
TABLE 4-1:
TYPICAL TURN-ON
RESPONSE TIMING
FIGURE 4-3:
Wake-Up Time from Shutdown.
Frequency
Typical (tWK)
Typical (tS)
1000 Hz
5.3 µsec
14 µsec
500 Hz
5.9 µsec
16 µsec
100 Hz
9.8 µsec
32 µsec
50 Hz
14.5 µsec
52 µsec
10 Hz
17.2 µsec
77 µsec
V
IH
t
S
t
WK
V
OUT
98%
2%
V
IL
SHDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com