Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1108 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC1108
Description  300mA CMOS LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1108 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1108_13 Datasheet HTML 2Page - Microchip Technology TC1108_13 Datasheet HTML 3Page - Microchip Technology TC1108_13 Datasheet HTML 4Page - Microchip Technology TC1108_13 Datasheet HTML 5Page - Microchip Technology TC1108_13 Datasheet HTML 6Page - Microchip Technology TC1108_13 Datasheet HTML 7Page - Microchip Technology TC1108_13 Datasheet HTML 8Page - Microchip Technology TC1108_13 Datasheet HTML 9Page - Microchip Technology TC1108_13 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TC1108
DS21357C-page 6
 2002-2012 Microchip Technology Inc.
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
“1” = part number code
“2” = represents temperature + date code + lot identity
+ subcontractor identity
6.2
Taping Form
TC1108 (V)
Code
TC1108-2.5VDB
110825
TC1108-2.8VDB
110828
TC1108-3.0VDB
110830
TC1108-3.3VDB
110833
TC1108-5.0VDB
110850
Component Taping Orientation for 3-Pin SOT-223 Devices
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
3-Pin SOT-223
12 mm
8 mm
4000
13 in
Carrier Tape, Number of Components Per Reel and Reel Size
User Direction of Feed
Device
Marking
PIN 1
Standard Reel Component Orientation
for TR Suffix Device
(Mark Right Side Up)
W
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com