Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD795 Datasheet(PDF) 3 Page - Analog Devices

Part # AD795
Description  Low Power, Low Noise Precision FET Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD795 Datasheet(HTML) 3 Page - Analog Devices

  AD795_09 Datasheet HTML 1Page - Analog Devices AD795_09 Datasheet HTML 2Page - Analog Devices AD795_09 Datasheet HTML 3Page - Analog Devices AD795_09 Datasheet HTML 4Page - Analog Devices AD795_09 Datasheet HTML 5Page - Analog Devices AD795_09 Datasheet HTML 6Page - Analog Devices AD795_09 Datasheet HTML 7Page - Analog Devices AD795_09 Datasheet HTML 8Page - Analog Devices AD795_09 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD795
Rev. C | Page 3 of 20
SPECIFICATIONS
At +25°C and ±15 V dc, unless otherwise noted.
Table 1.
AD795JR
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE1
Initial Offset
100
500
μV
Offset
TMIN − TMAX
300
1000
μV
vs. Temperature
3
10
μV/°C
vs. Supply (PSRR)
86
110
dB
vs. Supply (PSRR)
TMIN − TMAX
84
100
dB
INPUT BIAS CURRENT2
Either Input
VCM = 0 V
1
2
pA
Either Input at TMAX = 70°C
VCM = 0 V
23
nA
Either Input
VCM = +10 V
1
nA
Offset Current
VCM = 0 V
0.1
1.0
pA
Offset Current at TMAX = 70°C
VCM = 0 V
2
nA
OPEN-LOOP GAIN
VO = ±10 V
RL ≥ 10 kΩ
110
120
dB
RL ≥ 10 kΩ
100
108
dB
INPUT VOLTAGE NOISE
0.1 Hz to 10 Hz
1.0
3.3
μV p-p
f = 10 Hz
20
50
nV/√Hz
f = 100 Hz
12
40
nV/√Hz
f = 1 kHz
11
17
nV/√Hz
f = 10 kHz
9
11
nV/√Hz
INPUT CURRENT NOISE
f = 0.1 Hz to 10 Hz
13
fA p-p
f = 1 kHz
0.6
fA/√Hz
FREQUENCY RESPONSE
Unity Gain, Small Signal
G = −1
1.6
MHz
Full Power Response
VO = 20 V p-p, RL = 2 kΩ
16
kHz
Slew Rate, Unity Gain
VO = 20 V p-p, RL = 2 kΩ
1
V/μs
SETTLING TIME3
To 0.1%
10 V step
10
μs
To 0.01%
10 V step
11
μs
Overload Recovery4
50% overdrive
2
μs
Total Harmonic
f = 1 kHz
Distortion
R1 ≥ 10 kΩ, VO = 3 V rms
−108
dB
INPUT IMPEDANCE
Differential
VDIFF = ±1 V
1012||2
Ω||pF
Common Mode
1014||2.2
Ω||pF
INPUT VOLTAGE RANGE
Differential5
±20
V
Common-Mode Voltage
±10
±11
V
Over Maximum Operating Temperature
±10
V
Common-Mode Rejection Ratio
VCM = ±10 V
90
110
dB
TMIN − TMAX
86
100
dB
OUTPUT CHARACTERISTICS
Voltage
RL ≥ 2 kΩ
VS − 4
VS − 2.5
V
TMIN − TMAX
VS − 4
V
Current
VOUT = ±10 V
±5
±10
mA
Short circuit
±15
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com