Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1188 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1188
Description  MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1188 Datasheet(HTML) 1 Page - Microchip Technology

  TC1188_13 Datasheet HTML 1Page - Microchip Technology TC1188_13 Datasheet HTML 2Page - Microchip Technology TC1188_13 Datasheet HTML 3Page - Microchip Technology TC1188_13 Datasheet HTML 4Page - Microchip Technology TC1188_13 Datasheet HTML 5Page - Microchip Technology TC1188_13 Datasheet HTML 6Page - Microchip Technology TC1188_13 Datasheet HTML 7Page - Microchip Technology TC1188_13 Datasheet HTML 8Page - Microchip Technology TC1188_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
 2002-2012 Microchip Technology Inc.
DS21364C-page 1
TC1188/TC1189
Features
• Input Voltage Range: 2.7 V to 6.0 V
• 120 mA Output Current
• Low Supply Current: 50 µA, (typical)
• Low Dropout Voltage: 110 mV, (typical at 100 mA)
• Fast Turn-On from Shutdown: 140 µsec (typical)
• Low Output Noise
• Over-Current and Over-Temperature Protection
• Low Power Shutdown Mode
• Auto Discharge of Output Capacitor (TC1189)
Applications
• Battery Powered Systems
• Portable Computers
• Medical Instruments
• Cellular, Cordless Phones
•PDAs
• Pagers
Package Type
General Description
The TC1188 and TC1189 are fixed output, low dropout
linear regulators that operate from a 2.7V to 6.0V input
voltage source. The output is capable of delivering up
to 120 mA while consuming only 50 µA of quiescent
current. The low dropout voltage, 120 mV, make the
TC1188 and TC1189 good choices for battery powered
applications. Integrated over-current and over-temper-
ature protection features provide for a fault tolerant
solution.
The TC1189 includes an output voltage auto discharge
feature. When shutdown, the TC1189 will automatically
discharge the output voltage using an internal N-Chan-
nel MOSFET switch.
Fixed output voltage options for the TC1188/TC1189
are: 1.80V, 2.80V, 2.84V and 3.15V. Both the TC1188
and TC1189 are available in SOT23-5 packages.
Typical Application Circuit
GND
SHDN GND
5
1
4
2
3
TC1188
TC1189
5-Pin SOT-23A
NOTE:
5-Pin SOT-23A is equivalent to the EIAJ (SC-74A)
VIN
VOUT
VOUT
VIN
Output
GND
SHDN
TC1188
TC1189
+
1µF
–
COUT
GND
Voltage
1µF
CIN
Battery
MAX8863/64 Pin Compatible, Low Dropout,
120 mA Linear Regulators


Similar Part No. - TC1188_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1188-QECT MICROCHIP-TC1188-QECT Datasheet
301Kb / 16P
MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
TC1188-RECT MICROCHIP-TC1188-RECT Datasheet
301Kb / 16P
MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
TC1188-SECT MICROCHIP-TC1188-SECT Datasheet
301Kb / 16P
MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
TC1188-TECT MICROCHIP-TC1188-TECT Datasheet
301Kb / 16P
MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
More results

Similar Description - TC1188_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS76130 TI-TPS76130 Datasheet
198Kb / 11P
LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
Microchip Technology
TC1188 MICROCHIP-TC1188 Datasheet
301Kb / 16P
MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
logo
ON Semiconductor
MAX8863 ONSEMI-MAX8863 Datasheet
75Kb / 12P
Pin-Compatible, Low-Dropout, 120 mA Linear Regulator
February, 2001 ??Rev. 1
logo
Texas Instruments
TPS76030 TI1-TPS76030_11 Datasheet
666Kb / 16P
LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76150DBVTG4 TI-TPS76150DBVTG4 Datasheet
436Kb / 16P
LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS763-Q1 TI1-TPS763-Q1_16 Datasheet
1,021Kb / 24P
Low-Power, 150-mA, Low-Dropout Linear Regulators
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com