Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1188-XECT Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1188-XECT
Description  MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1188-XECT Datasheet(HTML) 5 Page - Microchip Technology

  TC1188-XECT Datasheet HTML 1Page - Microchip Technology TC1188-XECT Datasheet HTML 2Page - Microchip Technology TC1188-XECT Datasheet HTML 3Page - Microchip Technology TC1188-XECT Datasheet HTML 4Page - Microchip Technology TC1188-XECT Datasheet HTML 5Page - Microchip Technology TC1188-XECT Datasheet HTML 6Page - Microchip Technology TC1188-XECT Datasheet HTML 7Page - Microchip Technology TC1188-XECT Datasheet HTML 8Page - Microchip Technology TC1188-XECT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
 2002-2012 Microchip Technology Inc.
DS21364C-page 5
TC1188/TC1189
FIGURE 2-7:
Power Supply Rejection
Ratio vs. Frequency. (TC1188)
FIGURE 2-8:
TC1189 Shutdown Transient
Response.
FIGURE 2-9:
TC1189 Shutdown Transient
Response.
FIGURE 2-10:
TC1189 Line Response.
FIGURE 2-11:
Wake-Up Response Time.
FREQUENCY (kHz)
10
100 1K
10K
1M
10M
100K
COUT = 1μF
-10
-20
-30
-40
-60
-70
-50
-80
-90
-100
VOUT = 2.84V
RLOAD = 50Ω
100mV p-p
CH2 GND
CH1 GND
200
μsec/Div
SHDN
SHDN = 0V
VOUT = 0.5V/DIV
T = 25
°
CIN = 1μF
CL =1μF
RL = ∞
CH2 GND
CH1 GND
CH1
CH2
200
μsec/Div
CIN = 1μF
COUT =1μF
RL = 100Ω
VIN = 3.5V
T
T
XSHDN = 3V
Turn On
Time = 150
μS
No Overshoot
VOUT = 2.7V
XSHDN = 0V
VOUT = 0V
CH2 GND
CH2
CH1 GND
CH1
100
μsec/Div
CIN = COUT = 1μF, RL = 470Ω, XSHDN = 3.5V
T
T
VOUTAC 20μV/DIV
VIN = 4.5V
VIN = 3.5V
TIME (100
μs/Div)
SHDN
VOUT
0V
2.8V
0V
3V
VIN = 3.6V
ILOAD = 30mA
CIN = 1μF
CLOAD = 1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com