Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1263 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1263
Description  500 mA, Fixed-Output, CMOS LDO with Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1263 Datasheet(HTML) 5 Page - Microchip Technology

  TC1263_13 Datasheet HTML 1Page - Microchip Technology TC1263_13 Datasheet HTML 2Page - Microchip Technology TC1263_13 Datasheet HTML 3Page - Microchip Technology TC1263_13 Datasheet HTML 4Page - Microchip Technology TC1263_13 Datasheet HTML 5Page - Microchip Technology TC1263_13 Datasheet HTML 6Page - Microchip Technology TC1263_13 Datasheet HTML 7Page - Microchip Technology TC1263_13 Datasheet HTML 8Page - Microchip Technology TC1263_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
 2002-2012 Microchip Technology Inc.
DS21374D-page 5
TC1263
Note: Unless otherwise indicated, VIN = VR + 1.0V, IL = 100 µA, CL = 3.3 µF, SHDN > VIH, TA = +25°C.
FIGURE 2-7:
2.5V VOUT vs. Temperature.
FIGURE 2-8:
5.0V VOUT vs. Temperature.
2.70
2.50
2.30
2.10
1.90
1.70
1.50
-40°C0°C25°C70°C85°C 125°C
TEMPERATURE (°C)
IL = 0.1mA
IL = 300mA
IL = 500mA
5.20
5.10
5.00
4.90
4.80
4.70
4.60
4.50
4.40
4.30
4.20
4.10
4.00
-40°C0°C25°C70°C85°C125°C
TEMPERATURE (°C)
IL = 0.1mA
IL = 300mA
IL = 500mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com