Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD830JR Datasheet(PDF) 8 Page - Analog Devices

Part # AD830JR
Description  High Speed, Video Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD830JR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD830JR Datasheet HTML 4Page - Analog Devices AD830JR Datasheet HTML 5Page - Analog Devices AD830JR Datasheet HTML 6Page - Analog Devices AD830JR Datasheet HTML 7Page - Analog Devices AD830JR Datasheet HTML 8Page - Analog Devices AD830JR Datasheet HTML 9Page - Analog Devices AD830JR Datasheet HTML 10Page - Analog Devices AD830JR Datasheet HTML 11Page - Analog Devices AD830JR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD830
Rev. C | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
±
FREQUENCY (Hz)
110
30
10M
50
40
1k
70
60
80
90
100
1M
100k
10k
VS = ±15V
VS = ±5V
Figure 6. Common-Mode Rejection Ratio vs. Frequency
FREQUENCY (Hz)
–50
–70
–90
M
0
1
k
0
11M
100k
1k
–80
–60
±5V SUPPLIES
SECOND HARMONIC
THIRD HARMONIC
±15V SUPPLIES
SECOND HARMONIC
THIRD HARMONIC
VOUT = 2V p-p
RL = 150Ω
GAIN = +1
Figure 7. Harmonic Distortion vs. Frequency
JUNCTION TEMPERATURE (°C)
9
3
140
6
4
–40
5
–60
8
7
120
80
60
40
20
0
–20
100
Figure 8. Input Bias Current vs. Temperature
±
±
±
FREQUENCY (Hz)
100
10
10M
30
20
1k
40
50
60
70
80
90
1M
100k
10k
TO VP @ ±15V
TO VN @ ±15V
TO VP @ ±5V
TO VN @ ±5V
Figure 9. Power Supply Rejection Ratio vs. Frequency
±
FREQUENCY (Hz)
3
–12
–27
100k
10M
100M
1M
10k
–9
–6
–3
0
–24
–21
–18
–15
1G
±15V
±5V
±10V
RL = 150Ω
CL = 4.7pF
Figure 10. Closed-Loop Gain vs. Frequency G = +1
±
±
±
JUNCTION TEMPERATURE (°C)
3
–4
140
–1
–3
–40
–2
–60
2
0
1
120
100
80
60
40
20
0
–20
±5VS
±10VS
±15VS
Figure 11. Input Offset Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com