Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD829JRZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD829JRZ
Description  High Speed, Low Noise Video Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD829JRZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD829JRZ Datasheet HTML 3Page - Analog Devices AD829JRZ Datasheet HTML 4Page - Analog Devices AD829JRZ Datasheet HTML 5Page - Analog Devices AD829JRZ Datasheet HTML 6Page - Analog Devices AD829JRZ Datasheet HTML 7Page - Analog Devices AD829JRZ Datasheet HTML 8Page - Analog Devices AD829JRZ Datasheet HTML 9Page - Analog Devices AD829JRZ Datasheet HTML 10Page - Analog Devices AD829JRZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD829
Rev. I | Page 7 of 20
Figure 11. Quiescent Current vs. Temperature
Figure 12. Short-Circuit Current Limit vs. Ambient Temperature
Figure 13. –3 dB Bandwidth vs. Temperature
Figure 14. Open-Loop Gain and Phase vs. Frequency
Figure 15. Open-Loop Gain vs. Resistive Load
Figure 16. Power Supply Rejection Ratio (PSRR) vs. Frequency
TEMPERATURE (
°C)
–60
–40
–20
0
20
40
60
80
100
120
3
7
6
5
4
140
VS = ±15V
VS = ±5V
AMBIENT TEMPERATURE (°C)
–60
–40
–20
0
20
40
60
80
100
120
15
40
30
35
25
20
140
NEGATIVE
CURRENT LIMIT
POSITIVE
CURRENT LIMIT
VS = ±5V
TEMPERATURE (°C)
–60
–40
–20
0
20
40
60
80
100
120
45
65
60
55
50
140
VS = ±15V
AV = +20
CCOMP = 0pF
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
0
120
100
80
60
40
20
–20
100
80
60
40
20
0
100M
PHASE
GAIN
±5V
SUPPLIES
500
Ω LOAD
GAIN
±15V
SUPPLIES
1k
Ω LOAD
CCOMP = 0pF
LOAD RESISTANCE (
Ω)
10
100
1k
75
80
85
90
95
100
105
10k
VS = ±15V
VS = ±5V
FREQUENCY (Hz)
1k
10k
100k
1M
10M
20
120
100
60
80
40
100M
+SUPPLY
–SUPPLY
CCOMP = 0pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com