Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC2185 Datasheet(PDF) 17 Page - Microchip Technology

Part # TC2185
Description  50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2185 Datasheet(HTML) 17 Page - Microchip Technology

Back Button TC2185 Datasheet HTML 12Page - Microchip Technology TC2185 Datasheet HTML 13Page - Microchip Technology TC2185 Datasheet HTML 14Page - Microchip Technology TC2185 Datasheet HTML 15Page - Microchip Technology TC2185 Datasheet HTML 16Page - Microchip Technology TC2185 Datasheet HTML 17Page - Microchip Technology TC2185 Datasheet HTML 18Page - Microchip Technology TC2185 Datasheet HTML 19Page - Microchip Technology TC2185 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
 2001-2012 Microchip Technology Inc.
DS21662F-page 17
TC2014/2015/2185
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
TC2014:
50 mA LDO with Shutdown and VREF Bypass
TC2015:
100 mA LDO with Shutdown and VREF Bypass
TC2185:
150 mA LDO with Shutdown and VREF Bypass
Output Voltage:
XX
= 1.8V
XX
= 2.5V
XX
= 2.6V
XX
= 2.7V
XX
= 2.8V
XX
= 2.85V
XX
= 3.0V
XX
= 3.3V
XX
= 5.0V
Temperature Range:
V
=
-40°C to +125°C
Package:
CTTR = Plastic Small Outline Transistor (SOT-23),
5-lead, Tape and Reel
PART NO.
-XX
X
Temperature
Output
Voltage
Device
Examples:
a)
TC2014-1.8VCTTR: 5LD SOT-23-A, 1.8V,
Tape and Reel.
b)
TC2014-2.85VCTTR: 5LD SOT-23-A, 2.85V,
Tape and Reel.
c)
TC2014-3.3VCTTR: 5LD SOT-23-A, 3.3V,
Tape and Reel.
a)
TC2015-1.8VCTTR: 5LD SOT-23-A, 1.8V,
Tape and Reel.
b)
TC2015-2.85VCTTR: 5LD SOT-23-A, 2.85V,
Tape and Reel.
c)
TC2015-3.0VCTTR: 5LD SOT-23-A, 3.0V,
Tape and Reel.
a)
TC2185-1.8VCTTR: 5LD SOT-23-A, 1.8V,
Tape and Reel.
b)
TC2185-2.8VCTTR: 5LD SOT-23-A, 2.8V,
Tape and Reel.
Range
XXXX
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com