Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5440 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5440
Description  Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5440 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5440 Datasheet HTML 17Page - Analog Devices AD5440 Datasheet HTML 18Page - Analog Devices AD5440 Datasheet HTML 19Page - Analog Devices AD5440 Datasheet HTML 20Page - Analog Devices AD5440 Datasheet HTML 21Page - Analog Devices AD5440 Datasheet HTML 22Page - Analog Devices AD5440 Datasheet HTML 23Page - Analog Devices AD5440 Datasheet HTML 24Page - Analog Devices AD5440 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
AD5428/AD5440/AD5447
Rev. C | Page 21 of 32
Table 9. Suitable ADI Precision References
Part No.
Output Voltage (V)
Initial Tolerance (%)
Temp Drift (ppm/°C)
ISS (mA)
Output Noise (μV p-p)
Package
ADR01
10
0.05
3
1
20
SOIC-8
ADR01
10
0.05
9
1
20
TSOT-23, SC70
ADR02
5
0.06
3
1
10
SOIC-8
ADR02
5
0.06
9
1
10
TSOT-23, SC70
ADR03
2.5
0.10
3
1
6
SOIC-8
ADR03
2.5
0.10
9
1
6
TSOT-23, SC70
ADR06
3
0.10
3
1
10
SOIC-8
ADR06
3
0.10
9
1
10
TSOT-23, SC70
ADR431
2.5
0.04
3
0.8
3.5
SOIC-8
ADR435
5
0.04
3
0.8
8
SOIC-8
ADR391
2.5
0.16
9
0.12
5
TSOT-23
ADR395
5
0.10
9
0.12
8
TSOT-23
Table 10. Suitable ADI Precision Op Amps
Part No.
Supply Voltage (V)
VOS (Max) (μV)
IB (Max) (nA)
0.1 Hz to 10 Hz
Noise (μV p-p)
Supply Current (μA)
Package
OP97
±2 to ±20
25
0.1
0.5
600
SOIC-8
OP1177
±2.5 to ±15
60
2
0.4
500
MSOP, SOIC-8
AD8551
2.7 to 5
5
0.05
1
975
MSOP, SOIC-8
AD8603
1.8 to 6
50
0.001
2.3
50
TSOT
AD8628
2.7 to 6
5
0.1
0.5
850
TSOT, SOIC-8
Table 11. Suitable ADI High Speed Op Amps
Part No.
Supply Voltage (V)
BW @ ACL (MHz)
Slew Rate (V/μs)
VOS (Max) (μV)
IB (Max) (nA)
Package
AD8065
5 to 24
145
180
1,500
6,000
SOIC-8, SOT-23, MSOP
AD8021
±2.5 to ±12
490
120
1,000
10,500
SOIC-8, MSOP
AD8038
3 to 12
350
425
3,000
750
SOIC-8, SC70-5
AD9631
±3 to ±6
320
1,300
10,000
7,000
SOIC-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com