Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7416ARZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD7416ARZ
Description  10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7416ARZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7416ARZ Datasheet HTML 9Page - Analog Devices AD7416ARZ Datasheet HTML 10Page - Analog Devices AD7416ARZ Datasheet HTML 11Page - Analog Devices AD7416ARZ Datasheet HTML 12Page - Analog Devices AD7416ARZ Datasheet HTML 13Page - Analog Devices AD7416ARZ Datasheet HTML 14Page - Analog Devices AD7416ARZ Datasheet HTML 15Page - Analog Devices AD7416ARZ Datasheet HTML 16Page - Analog Devices AD7416ARZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD7416/AD7417/AD7418
Rev. I | Page 13 of 24
Table 8. Register Addresses
P2
P1
P0
Registers
0
0
0
Temperature value
0
0
1
Configuration register
0
1
0
THYST setpoint
0
1
1
TOTI setpoint
1
0
0
ADC value (AD7417/AD7418 only)
1
0
1
Config2 (AD7417/AD7418 only)
Temperature Value Register (Address 0x00)
The temperature value register is a 16-bit, read-only register
whose 10 MSBs store the temperature reading from the ADC in
10-bit twos complement format. Bit D5 to Bit D0 are unused.
Table 9. Temperature Value Register
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
MSB
B8
B7
B6
B5
B4
B3
B2
B1
LSB
The temperature data format is shown in Table 10. This shows
the full theoretical range of the ADC from −128°C to +127°C,
but in practice, the temperature measurement range is limited
to the operating temperature range of the device.
Table 10. Temperature Data Format
Temperature
Digital Output
−128°C
10 0000 0000
−125°C
10 0000 1100
−100°C
10 0111 0000
−75°C
10 1101 0100
−50°C
11 0011 1000
−25°C
11 1001 1100
−10°C
11 1101 1000
−0.25°C
11 1111 1111
0°C
00 0000 0000
+0.25°C
00 0000 0001
+10°C
00 0010 1000
+25°C
00 0110 0100
+50°C
00 1100 1000
+75°C
01 0010 1100
+100°C
01 1001 0000
+125°C
01 1111 0100
+127°C
01 1111 1100
Configuration Register (Address 0x01)
The configuration register is an 8-bit, read/write register that is
used to set the operating modes of the AD7416/AD7417/AD7418.
Bit D7 to Bit D5 control the channel selection as outlined in
Table 12. Bits[D7:D5] should always be set to 000 for the AD7416.
Bit D4 and Bit D3 are used to set the length of the fault queue.
D2 sets the sense of the OTI output. D1 selects the comparator
or interrupt mode of operation, and D0 = 1 selects the shutdown
mode (default: D0 = 0).
Table 11. Configuration Register
D7
D6
D5
D4
D3
D2
D1
D0
Channel
selection
Fault
queue
OTI
polarity
Cmp/Int
Shutdown
The AD7416 contains a temperature-only channel; the AD7417
has four analog input channels and a temperature channel; and
the AD7418 has two channels, a temperature channel, and an
analog input channel. The temperature channel address for all
parts is the same, Channel 0. The address for the analog input
channel on the AD7418 is Channel 4. Table 12 outlines the
channel selection on the parts, and Table 13 shows the fault
queue settings. D1 and D2 are explained in the OTI Output
section.
Table 12. Channel Selection
D7
D6
D5
Channel Selection
0
0
0
Temperature sensor (all parts), Channel 0
0
0
1
AIN1 (AD7417 only), Channel 1
0
1
0
AIN2 (AD7417 only), Channel 2
0
1
1
AIN3 (AD7417 only), Channel 3
1
0
0
AIN4 (AD7417) and AIN (AD7418), Channel 4
Table 13. Fault Queue Settings
D4
D3
Number of Faults
0
0
1 (power-up default)
0
1
2
1
0
4
1
1
6
THYST Setpoint Register (Address 0x02)
The THYST setpoint register is a 16-bit, read/write register whose
nine MSBs store the THYST setpoint in twos complement format
equivalent to the nine MSBs of the temperature value register.
Bit D6 to Bit D0 are unused.
TOTI Setpoint Register (Address 0x03)
The TOTI setpoint register is a 16-bit, read/write register whose
nine MSBs store the TOTI setpoint in twos complement format
equivalent to the nine MSBs of the temperature value register.
Bit 6 to Bit 0 are unused.
Table 14. THYST Setpoint and TOTI Setpoint Registers
D15
D14
D13
D12
D11
D10
D9
D8
D7
MSB
B7
B6
B5
B4
B3
B2
B1
LSB
ADC Value Register (Address 0x04)
The ADC value register is a 16-bit, read-only register whose
10 MSBs store the value produced by the ADC in binary format.
Bit D5 to Bit D0 are unused. Table 15 shows the ADC value
register with 10 MSBs containing the ADC conversion request.
Table 15. ADC Value Register
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
MSB
B8
B7
B6
B5
B4
B3
B2
B1
LSB
ADC Transfer Function
The designed code transitions occur at successive integer
LSB values (that is, 1 LSB, 2 LSB, and so on). The LSB size =
VREF/1024. The ideal transfer function characteristic for the
AD7417 and AD7418 ADC is shown in Figure 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com