Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4626 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC4626
Description  Power CMOS Drivers With Voltage Tripler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4626 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC4626_13 Datasheet HTML 2Page - Microchip Technology TC4626_13 Datasheet HTML 3Page - Microchip Technology TC4626_13 Datasheet HTML 4Page - Microchip Technology TC4626_13 Datasheet HTML 5Page - Microchip Technology TC4626_13 Datasheet HTML 6Page - Microchip Technology TC4626_13 Datasheet HTML 7Page - Microchip Technology TC4626_13 Datasheet HTML 8Page - Microchip Technology TC4626_13 Datasheet HTML 9Page - Microchip Technology TC4626_13 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TC4626/TC4627
DS21426C-page 6
 2001-2012 Microchip Technology Inc.
3.1
BOOSTER FUNCTION
The voltage booster is an unregulated voltage tripler
circuit. The tripler consists of three sets of internal
switches and three external capacitors. S1a and S1b
charge capacitor C1 to VDD potential. S2a and S2b add
C1 potential to VDD input to charge C2 to 2 x VDD. S3a
and S3b add C1 potential to C2 to charge C3 to 3 x
VDD. The position of the switches is controlled by the
internal 4 phase clock.
FIGURE 3-3:
VOLTAGE BOOSTER
FIGURE 3-4:
POSITION OF SWITCHES
C3
C2
6
3
8
2
C1
S1a
S1b
GND
4
S2a
S2b
2 x VDD
3 x VDD, VBOOST
6
S3b
S3a
1
(4 to 6V)
VDD
+
+
+
Pin 2
Voltage
Pin 1
Voltage
3 x VDD
2 x VDD
VDD
2 x VDD
VDD
0
On
Off
S1
On
Off
S2
On
Off
S3
Pin 1 & 2 Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com