Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7416ARM Datasheet(PDF) 4 Page - Analog Devices

Part # AD7416ARM
Description  10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7416ARM Datasheet(HTML) 4 Page - Analog Devices

  AD7416ARM Datasheet HTML 1Page - Analog Devices AD7416ARM Datasheet HTML 2Page - Analog Devices AD7416ARM Datasheet HTML 3Page - Analog Devices AD7416ARM Datasheet HTML 4Page - Analog Devices AD7416ARM Datasheet HTML 5Page - Analog Devices AD7416ARM Datasheet HTML 6Page - Analog Devices AD7416ARM Datasheet HTML 7Page - Analog Devices AD7416ARM Datasheet HTML 8Page - Analog Devices AD7416ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD7416/AD7417/AD7418
Rev. I | Page 4 of 24
SPECIFICATIONS
AD7417/AD7418 SPECIFICATIONS
VDD = 2.7 V to 5.5 V, GND = 0 V, REFIN = 2.5 V, unless otherwise noted.
Table 1.
Parameter
A Version
B Version1
Unit
Test Conditions/Comments
DC ACCURACY
Any channel
Resolution
10
10
Bits
Minimum Resolution for Which No
Missing Codes Are Guaranteed
10
10
Bits
Relative Accuracy2
±1
±1
LSB max
This specification is typical for VDD of 3.6 V to 5.5 V
Differential Nonlinearity2
±1
±1
LSB max
This specification is typical for VDD of 3.6 V to 5.5 V
Gain Error2
±3
±3
LSB max
External reference
±10
±10
LSB max
Internal reference
Gain Error Match2
±0.6
±0.6
LSB max
AD7417 only
Offset Error2
±4
±4
LSB max
Offset Error Match2
±0.7
±0.7
LSB max
AD7417 only
ANALOG INPUTS
Input Voltage Range
VREF
VREF
V max
0
0
V min
Input Leakage Current3
±1
±1
μA max
Input Capacitance
10
10
pF max
TEMPERATURE SENSOR1
Measurement Error
Ambient Temperature 25°C
±2
±1
°C max
TMIN to TMAX
±3
±2
°C max
Temperature Resolution
1/4
1/4
°C/LSB
CONVERSION RATE
Track-and-Hold Acquisition Time4
400
400
ns max
Source impedance < 10 Ω
Conversion Time
Temperature Sensor
30
30
μs max
Typically 27 μs
Channel 1 to Channel 4
15
15
μs max
Typically 10 μs
REFERENCE INPUT5,6
REFIN Input Voltage Range
2.625
2.625
V max
2.5 V + 5%
2.375
2.375
V min
2.5 V − 5%
Input Impedance
40
40
kΩ min
Input Capacitance
10
10
pF max
ON-CHIP REFERENCE
Nominal 2.5 V
Reference Error6
±25
±25
mV max
Temperature Coefficient6
80
80
ppm/°C typ
DIGITAL INPUTS
Input High Voltage, VIH
VDD × 0.7
VDD × 0.7
V min
Input Low Voltage, VIL
VDD × 0.3
VDD × 0.3
V max
Input Leakage Current
1
1
μA max
DIGITAL OUTPUTS
Output Low Voltage, VOL
0.4
0.4
V max
IOL = 3 mA
Output High Current
1
1
μA max
VOH = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com