Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7607BSTZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD7607BSTZ
Description  8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7607BSTZ Datasheet(HTML) 1 Page - Analog Devices

  AD7607BSTZ Datasheet HTML 1Page - Analog Devices AD7607BSTZ Datasheet HTML 2Page - Analog Devices AD7607BSTZ Datasheet HTML 3Page - Analog Devices AD7607BSTZ Datasheet HTML 4Page - Analog Devices AD7607BSTZ Datasheet HTML 5Page - Analog Devices AD7607BSTZ Datasheet HTML 6Page - Analog Devices AD7607BSTZ Datasheet HTML 7Page - Analog Devices AD7607BSTZ Datasheet HTML 8Page - Analog Devices AD7607BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
8-Channel DAS with 14-Bit, Bipolar Input,
Simultaneous Sampling ADC
Data Sheet
AD7607
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010-2012 Analog Devices, Inc. All rights reserved.
FEATURES
8 simultaneously sampled inputs
True bipolar analog input ranges: ±10 V, ±5 V
Single 5 V analog supply and 2.3 V to 5.25 V VDRIVE
Fully integrated data acquisition solution
Analog input clamp protection
Input buffer with 1 MΩ analog input impedance
Second-order antialiasing analog filter
On-chip accurate reference and reference buffer
14-bit ADC with 200 kSPS on all channels
Flexible parallel/serial interface
SPI/QSPI™/MICROWIRE™/DSP compatible
Pin-compatible solutions from 14 bits to 18 bits
Performance
7 kV ESD rating on analog input channels
Fast throughput rate: 200 kSPS for all channels
85.5 dB SNR at 50 kSPS
INL ±0.25 LSB, DNL ±0.25 LSB
Low power: 100 mW at 200 kSPS
Standby mode: 25 mW typical
64-lead LQFP package
APPLICATIONS
Power-line monitoring and protection systems
Multiphase motor control
Instrumentation and control systems
Multiaxis positioning systems
Data acquisition systems (DAS)
Table 1. High Resolution, Bipolar Input, Simultaneous
Sampling DAS Solutions
Resolution
Single-Ended
Inputs
Number of Simultaneous
Sampling Channels
18 Bits
AD7608
8
16 Bits
AD7606
8
AD7606-6
6
AD7606-4
4
14 Bits
AD7607
8
FUNCTIONAL BLOCK DIAGRAM
V1
V1GND
RFB
1MΩ
1MΩ
RFB
CLAMP
CLAMP
SECOND-
ORDER LPF
T/H
V2
V2GND
RFB
1MΩ
1MΩ
RFB
CLAMP
CLAMP
SECOND-
ORDER LPF
T/H
V3
V3GND
RFB
1MΩ
1MΩ
RFB
CLAMP
CLAMP
SECOND-
ORDER LPF
T/H
V4
V4GND
RFB
1MΩ
1MΩ
RFB
CLAMP
CLAMP
SECOND-
ORDER LPF
T/H
V5
V5GND
RFB
1MΩ
1MΩ
RFB
CLAMP
CLAMP
SECOND-
ORDER LPF
T/H
V6
V6GND
RFB
1MΩ
1MΩ
RFB
CLAMP
CLAMP
SECOND-
ORDER LPF
T/H
V7
V7GND
RFB
1MΩ
1MΩ
RFB
CLAMP
CLAMP
SECOND-
ORDER LPF
T/H
V8
V8GND
RFB
1MΩ
1MΩ
RFB
CLAMP
CLAMP
SECOND-
ORDER LPF
T/H
8:1
MUX
AGND
BUSY
FRSTDATA
CONVST A CONVST B RESET RANGE
CONTROL
INPUTS
CLK OSC
REFIN/REFOUT
REF SELECT
AGND
OS 2
OS 1
OS 0
DOUTA
DOUTB
RD/SCLK
CS
PAR/SER/BYTE SEL
VDRIVE
14-BIT
SAR
DIGITAL
FILTER
PARALLEL/
SERIAL
INTERFACE
2.5V
REF
REFCAPB REFCAPA
SERIAL
PARALLEL
REGCAP
2.5V
LDO
REGCAP
2.5V
LDO
AVCC
AVCC
DB[15:0]
AD7607
Figure 1.


Similar Part No. - AD7607BSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7607BSTZ AD-AD7607BSTZ Datasheet
779Kb / 33P
8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
Rev. C
AD7607BSTZ AD-AD7607BSTZ Datasheet
869Kb / 33P
8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
23-Feb-2017
AD7607BSTZ-RL AD-AD7607BSTZ-RL Datasheet
779Kb / 33P
8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
Rev. C
AD7607BSTZ-RL AD-AD7607BSTZ-RL Datasheet
869Kb / 33P
8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
23-Feb-2017
More results

Similar Description - AD7607BSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7606 AD-AD7606 Datasheet
799Kb / 36P
8-/6-/4-Channel DAS with 16-Bit,Bipolar Input,Simultaneous Sampling ADC
REV. 0
AD7608 AD-AD7608 Datasheet
689Kb / 32P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7609 AD-AD7609 Datasheet
799Kb / 36P
8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7608BSTZ AD-AD7608BSTZ Datasheet
689Kb / 32P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7607 AD-AD7607_16 Datasheet
779Kb / 33P
8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
Rev. C
AD7617 AD-AD7617 Datasheet
947Kb / 52P
16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
Rev. 0
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
23-Feb-2017
AD7606 AD-AD7606_17 Datasheet
955Kb / 36P
8-/6-/4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
01-Nov-2017
AD7607 AD-AD7607_17 Datasheet
869Kb / 33P
8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
23-Feb-2017
AD7606B AD-AD7606B_19 Datasheet
1Mb / 69P
8-Channel DAS Bipolar Input, Simultaneous Sampling ADC
6/2019-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com