Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4627EPA Datasheet(PDF) 3 Page - Microchip Technology

Part # TC4627EPA
Description  Power CMOS Drivers With Voltage Tripler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4627EPA Datasheet(HTML) 3 Page - Microchip Technology

  TC4627EPA Datasheet HTML 1Page - Microchip Technology TC4627EPA Datasheet HTML 2Page - Microchip Technology TC4627EPA Datasheet HTML 3Page - Microchip Technology TC4627EPA Datasheet HTML 4Page - Microchip Technology TC4627EPA Datasheet HTML 5Page - Microchip Technology TC4627EPA Datasheet HTML 6Page - Microchip Technology TC4627EPA Datasheet HTML 7Page - Microchip Technology TC4627EPA Datasheet HTML 8Page - Microchip Technology TC4627EPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
 2001-2012 Microchip Technology Inc.
DS21426C-page 3
TC4626/TC4627
TC4626/TC4627 ELECTRICAL SPECIFICATIONS (CONTINUED)
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
Power Supply
IDD
Power Supply Current
—
—
2.5
mA
VIN = LOW or HIGH
VDD
Supply Voltage
4.0
—
6.0
V
Electrical Characteristics: Over operating temperature range, VDD= 5V, C1 = C2 = C3 10F unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
Input
VIH
Logic 1, High Input Voltage
2.4
—
—
V
VIL
Logic 0, Low Input Voltage
—
—
0.8
V
IIN
Input Current
-10
—
1
A0VV
INVBOOST
Output
VOH
High Output Voltage
VDRIVE – 0.025
—
—
V
VOL
Low Output Voltage
—
—
0.025
V
RO
Output Resistance, High
—
15
15
20
25
IOUT = 10mA, VDD = 5V
C & E Version (TA = 70°C or 85°C)
M Version (TA = 125°C)
RO
Output Resistance, Low
—
10
10
13
15
IOUT = 10mA, VDD = 5V
C & E Version (TA = 70°C or 85°C)
M Version (TA = 125°C)
IPK
Peak Output Current
—
1.5
—
A
Switching Time
tR
Rise Time
—
—
55
nsec
Figure 3-1, Figure 3-2
tF
Fall Time
—
—
50
nsec
Figure 3-1, Figure 3-2
tD1
Delay Time
—
—
60
nsec
Figure 3-1, Figure 3-2
tD2
Delay Time
—
—
70
nsec
Figure 3-1, Figure 3-2
FMAX
Maximum Switching Frequency
750
—
—
kHz
VDD = 5V, VBOOST > 8.5V,
Figure 3-1
Voltage Booster
R3
Voltage Boost Output
Source Resistance
—
400
500
IL = 10mA, VDD = 5V
R2
Voltage Doubler Output
Source Resistance
—
170
300
FOSC
Oscillator Frequency
5
—
50
kHz
VOSC
Oscillator Amplitude
Measured at C1-
4.5
—
10
V
RLOAD = 10k
UV @VBOOST
Undervoltage Threshold
7.0
7.8
8.5
V
VSTART @VBOOST
Start Up Voltage
10.5
11.3
12
V
VBOOST
@VDD = 5V
14.6
—
—
V
No Load
Power Supply
IDD
Power Supply Current
—
—
4
mA
VIN = LOW or HIGH
VDD
Supply Voltage
4.0
—
6.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com