Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7621ACPRL Datasheet(PDF) 13 Page - Analog Devices

Part # AD7621ACPRL
Description  16-Bit, 2 LSB INL, 3 MSPS PulSAR짰 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7621ACPRL Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7621ACPRL Datasheet HTML 9Page - Analog Devices AD7621ACPRL Datasheet HTML 10Page - Analog Devices AD7621ACPRL Datasheet HTML 11Page - Analog Devices AD7621ACPRL Datasheet HTML 12Page - Analog Devices AD7621ACPRL Datasheet HTML 13Page - Analog Devices AD7621ACPRL Datasheet HTML 14Page - Analog Devices AD7621ACPRL Datasheet HTML 15Page - Analog Devices AD7621ACPRL Datasheet HTML 16Page - Analog Devices AD7621ACPRL Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD7621
Rev. 0 | Page 13 of 32
FREQUENCY (kHz)
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
100 200 300 400 500 600 700 800 900 1000 1100 1200 1300 1400 1500
fS = 3MSPS
fIN = 20.1kHz
SNR = 90.1dB
THD = –103.2dB
SFDR = 103.8dB
SINAD = 89.9dB
Figure 11. FFT 20 kHz
FREQUENCY (kHz)
75
77
79
81
83
85
87
89
91
93
95
12.0
12.4
12.8
13.2
13.6
14.0
14.4
14.8
15.2
15.6
16.0
1
10
100
1000
SNR
ENOB
SINAD
Figure 12. SNR, SINAD and ENOB vs. Frequency
FREQUENCY (kHz)
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
20
30
40
50
60
70
80
90
100
110
120
1
10
100
1000
THD
SFDR
THIRD
HARMONIC
SECOND
HARMONIC
Figure 13. THD, Harmonics, and SFDR vs. Frequency
FREQUENCY (kHz)
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
100 200 300 400 500 600 700 800 900 1000 1100 1200 1300 1400 1500
fS = 3MSPS
fIN = 98.79kHz
SNR = 89.9dB
THD = –104.9dB
SFDR = 106.6dB
SINAD = 89.8dB
Figure 14. FFT 100 kHz
TEMPERATURE (
°C)
84
92
91
90
89
88
87
86
85
14.0
16.0
15.5
15.0
14.5
–55
–35
–15
125
105
85
65
45
25
5
SNR
SINAD
ENOB
Figure 15. SNR, SINAD, and ENOB vs. Temperature
TEMPERATURE (
°C)
–130
–80
–85
–90
–95
–100
–105
–110
–115
–120
–125
60
110
105
100
95
90
85
80
75
70
65
–55
–35
–15
125
105
85
65
45
25
5
THIRD HARMONIC
SECOND HARMONIC
SFDR
THD
Figure 16. THD, Harmonics, and SFDR vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com