Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7730BNZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD7730BNZ
Description  Bridge Transducer ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7730BNZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD7730BNZ Datasheet HTML 35Page - Analog Devices AD7730BNZ Datasheet HTML 36Page - Analog Devices AD7730BNZ Datasheet HTML 37Page - Analog Devices AD7730BNZ Datasheet HTML 38Page - Analog Devices AD7730BNZ Datasheet HTML 39Page - Analog Devices AD7730BNZ Datasheet HTML 40Page - Analog Devices AD7730BNZ Datasheet HTML 41Page - Analog Devices AD7730BNZ Datasheet HTML 42Page - Analog Devices AD7730BNZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
AD7730/AD7730L
–39–
configured for continuous read operation when interfacing to
the 8XC51. The serial clock on the 8XC51 idles high between data
transfers and therefore the POL input of the AD7730 should be
hardwired to a logic high. The 8XC51 outputs the LSB first in a
write operation while the AD7730 expects the MSB first so the
data to be transmitted has to be rearranged before being written
to the output serial register. Similarly, the AD7730 outputs the
MSB first during a read operation while the 8XC51 expects the
LSB first. Therefore, the data read into the serial buffer needs to
be rearranged before the correct data word from the AD7730 is
available in the accumulator.
SYNC
RESET
AD7730
POL
DATA OUT
DATA IN
SCLK
CS
P3.0
P3.1
8XC51
DVDD
Figure 21. AD7730 to 8XC51 Interface
AD7730 to ADSP-2103/ADSP-2105 Interface
Figure 22 shows an interface between the AD7730 and the
ADSP-2105 DSP processor. In the interface shown, the
RDY
bit of the Status Register is again monitored to determine when
the Data Register is updated. The alternative scheme is to use
an interrupt driven system, in which case the
RDY output is
connected to the
IRQ2 input of the ADSP-2105. The RFS and
TFS pins of the ADSP-2105 are configured as active low out-
puts and the ADSP-2105 serial clock line, SCLK, is also config-
ured as an output. The POL pin of the AD7730 is hardwired
low. Because the SCLK from the ADSP-2105 is a continuous
clock, the
CS of the AD7730 must be used to gate off the clock
once the transfer is complete. The
CS for the AD7730 is active
when either the
RFS or TFS outputs from the ADSP-2105 are
active. The serial clock rate on the ADSP-2105 should be lim-
ited to 3 MHz to ensure correct operation with the AD7730.
SYNC
RESET
AD7730
DATA OUT
DATA IN
SCLK
CS
DR
SCLK
ADSP-2105
DVDD
RFS
TFS
DT
POL
Figure 22. AD7730 to ADSP-2105 Interface
REV. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com