Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44392 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44392
Description  SSMA Female Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44392 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44392 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44392 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44392 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SSMA Female Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole
Configuration
Connector
SSMA Female
Connector Specification
MIL-C-39012
Connector Interface Type
Turret
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.6 [15.24]
Width/Dia., in [mm]
0.25 [6.35]
.
Weight, lbs [g]
0.005 [2.27]
Connector
Type
SSMA Female
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
QQ-P-35
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMA Female Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole
PE44392
PE44392
PE44392 REV 01
SSMA Female Bulkhead Connector Solder
Attachment Turret Terminal, .177 inch D Hole


Similar Part No. - PE44392

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4439 PASTERNACK-PE4439 Datasheet
120Kb / 1P
N FEMALE SOLDER/CLAMP ATTACHMENT
PE44390 PASTERNACK-PE44390 Datasheet
226Kb / 3P
SSMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .177 inch D Hole
PE44391 PASTERNACK-PE44391 Datasheet
293Kb / 3P
SSMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44393 PASTERNACK-PE44393 Datasheet
221Kb / 3P
SSMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
PE44394 PASTERNACK-PE44394 Datasheet
220Kb / 3P
SSMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
More results

Similar Description - PE44392

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4312 PASTERNACK-PE4312 Datasheet
239Kb / 2P
MHV Female Bulkhead Connector Solder Attachment Turret Terminal, .537 inch D Hole
PE44388 PASTERNACK-PE44388 Datasheet
226Kb / 3P
SSMA Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE44389 PASTERNACK-PE44389 Datasheet
215Kb / 2P
SSMA Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .177 inch D Hole
PE44393 PASTERNACK-PE44393 Datasheet
221Kb / 3P
SSMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
PE4560 PASTERNACK-PE4560 Datasheet
222Kb / 3P
MCX Jack Right Angle Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole
PE4561 PASTERNACK-PE4561 Datasheet
218Kb / 2P
MCX Jack Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole
PE4973 PASTERNACK-PE4973 Datasheet
221Kb / 3P
C Female Bulkhead Connector Solder Attachment Turret Terminal, .350 inch D Hole
PE44428 PASTERNACK-PE44428 Datasheet
231Kb / 3P
SSMA Female Bulkhead Connector Solder Attachment For PE-034SR, .177 inch D Hole
PE44357 PASTERNACK-PE44357 Datasheet
240Kb / 2P
10-32 Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
PE44405 PASTERNACK-PE44405 Datasheet
335Kb / 2P
SSMA Female Bulkhead Mount Connector Solder Attachment for RG174, RG316, RG188, .177 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com