Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBY100505T-700Y-N Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # PBY100505T-700Y-N
Description  SMD Chip Beads
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PBY100505T-700Y-N Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button PBY100505T-700Y-N Datasheet HTML 6Page - List of Unclassifed Manufacturers PBY100505T-700Y-N Datasheet HTML 7Page - List of Unclassifed Manufacturers PBY100505T-700Y-N Datasheet HTML 8Page - List of Unclassifed Manufacturers PBY100505T-700Y-N Datasheet HTML 9Page - List of Unclassifed Manufacturers PBY100505T-700Y-N Datasheet HTML 10Page - List of Unclassifed Manufacturers PBY100505T-700Y-N Datasheet HTML 11Page - List of Unclassifed Manufacturers PBY100505T-700Y-N Datasheet HTML 12Page - List of Unclassifed Manufacturers PBY100505T-700Y-N Datasheet HTML 13Page - List of Unclassifed Manufacturers PBY100505T-700Y-N Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
16
ELECTRICAL CHARACTERISTICS UPB Series
PART NO.
IMPEDANCE
TEST FREQUENCY
DC RESISTANCE
RATED CURRENT
(Ω) ±25%
(MHz)
(Ω) Max.
(mA) Max.
UPB160808T-110Y-N
11
100
0.015
4,500
UPB160808T-170Y-N
17
100
0.015
4,500
UPB160808T-250Y-N
25
100
0.015
4,500
UPB160808T-300Y-N
30
100
0.015
4,500
UPB201209T-110Y-N
11
100
0.015
6,000
UPB201209T-150Y-N
15
100
0.015
6,000
UPB201209T-190Y-N
19
100
0.015
6,000
UPB201209T-260Y-N
26
100
0.015
6,000
UPB201209T-300Y-N
30
100
0.015
6,000
UPB201209T-330Y-N
33
100
0.015
6,000
UPB201209T-400Y-N
40
100
0.015
6,000
UPB201209T-500Y-N
50
100
0.015
6,000
UPB201209T-600Y-N
60
100
0.020
4,500
UPB201209T-800Y-N
80
100
0.020
4,500
UPB201209T-101Y-N
100
100
0.020
5,000
UPB201209T-121Y-N
120
100
0.020
5,000
UPB201212T-600Y-N
60
100
0.020
6,000
UPB201212T-700Y-N
70
100
0.020
6,000
UPB201212T-800Y-N
80
100
0.020
6,000
UPB201212T-101Y-N
100
100
0.025
5,000
UPB201212T-121Y-N
120
100
0.025
5,000
UPB321611T-110Y-N
11
100
0.012
6,000
UPB321611T-190Y-N
19
100
0.012
6,000
UPB321611T-260Y-N
26
100
0.012
6,000
UPB321611T-300Y-N
30
100
0.012
6,000
UPB321611T-400Y-N
40
100
0.012
6,000
UPB321611T-500Y-N
50
100
0.012
6,000
UPB321611T-600Y-N
60
100
0.012
6,000
UPB321611T-800Y-N
80
100
0.012
6,000
UPB321611T-101Y-N
100
100
0.012
6,000
UPB321611T-121Y-N
120
100
0.012
6,000
UPB321611T-151Y-N
150
100
0.020
4,500
UPB451616T-600Y-N
100
60
0.012
7,000
UPB453215T-700Y-N
100
70
0.010
9,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com