Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8114ASTZ2 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8114ASTZ2
Description  Low Cost 225 MHz 16 횞 16 Crosspoint Switches
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8114ASTZ2 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8114ASTZ2 Datasheet HTML 17Page - Analog Devices AD8114ASTZ2 Datasheet HTML 18Page - Analog Devices AD8114ASTZ2 Datasheet HTML 19Page - Analog Devices AD8114ASTZ2 Datasheet HTML 20Page - Analog Devices AD8114ASTZ2 Datasheet HTML 21Page - Analog Devices AD8114ASTZ2 Datasheet HTML 22Page - Analog Devices AD8114ASTZ2 Datasheet HTML 23Page - Analog Devices AD8114ASTZ2 Datasheet HTML 24Page - Analog Devices AD8114ASTZ2 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD8114/AD8115
Rev. B | Page 21 of 32
16
RTERM
IN 00–15
8
8
IN 16–31
IN 32–47
IN 48–63
IN 64–79
IN 80–95
IN 96–111
IN 112–127
8
8
8
8
RANK 2
32:16 NONBLOCKING
(32:32 BLOCKING)
RANK 1
(8
× AD8114)
128:32
16
RTERM
8
8
16
RTERM
8
8
16
RTERM
8
8
16
RTERM
8
8
16
RTERM
8
8
16
RTERM
8
8
16
RTERM
8
8
AD8115
8
1k
Ω
8
1k
Ω
8
1k
Ω
8
1k
Ω
AD8115
OUT 00Ð15
NONBLOCKING
ADDITIONAL
16 OUTPUTS
(SUBJECT
TO BLOCKING)
AD8114
AD8114
AD8114
AD8114
AD8114
AD8114
AD8114
AD8114
Figure 49. Nonblocking 128 × 16 Array (128 × 32 Blocking)
Using additional crosspoint devices in the design can lower the
number of outputs that must be wire-OR’ed together. Figure 49
shows a block diagram of a system using eight AD8114s and
two AD8115s to create a nonblocking, gain-of-2, 128 × 16
crosspoint that restricts the wire-OR’ing at the output to only
four outputs.
Additionally, by using the lower eight outputs from each of the
two Rank 2 AD8115s, a blocking 128 × 32 crosspoint array can
be realized. There are, however, some drawbacks to this
technique. The offset voltages of the various cascaded devices
will accumulate, and the bandwidth limitations of the devices
will compound. In addition, the extra devices will consume
more current and take up more board space. Once again, the
overall system design specifications will determine how to make
the various tradeoffs.
MULTICHANNEL VIDEO
The excellent video specifications of the AD8114/AD8115 make
them ideal candidates for creating composite video crosspoint
switches. These can be made quite dense by taking advantage of
the AD8114/AD8115’s high level of integration and the fact that
composite video requires only one crosspoint channel per
system video channel. There are, however, other video formats
that can be routed with the AD8114/AD8115 requiring more
than one crosspoint channel per video channel.
Some systems use twisted-pair wiring to carry video signals.
These systems utilize differential signals and can lower costs
because they use lower cost cables, connectors and termination
methods. They also have the ability to lower crosstalk and reject
common-mode signals, which can be important for equipment
that operates in noisy environments or where common-mode
voltages are present between transmitting and receiving
equipment.
In such systems, the video signals are differential; there is a
positive and negative (or inverted) version of the signals. These
complementary signals are transmitted onto each of the two
wires of the twisted pair, yielding a first-order zero common-
mode voltage. At the receive end, the signals are differentially
received and converted back into a single-ended signal.
When switching these differential signals, two channels are
required in the switching element to handle the two differential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com