Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8115AST Datasheet(PDF) 15 Page - Analog Devices

Part # AD8115AST
Description  Low Cost 225 MHz 16 횞 16 Crosspoint Switches
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8115AST Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8115AST Datasheet HTML 11Page - Analog Devices AD8115AST Datasheet HTML 12Page - Analog Devices AD8115AST Datasheet HTML 13Page - Analog Devices AD8115AST Datasheet HTML 14Page - Analog Devices AD8115AST Datasheet HTML 15Page - Analog Devices AD8115AST Datasheet HTML 16Page - Analog Devices AD8115AST Datasheet HTML 17Page - Analog Devices AD8115AST Datasheet HTML 18Page - Analog Devices AD8115AST Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
AD8114/AD8115
Rev. B | Page 15 of 32
0.10V
0.05V
0V
–0.05V
–0.10V
–0.15V
0.15V
VO = 200mV STEP
RL = 150Ω
50mV
25ns
Figure 31. AD8114 Pulse Response, Small Signal
1.0V
0.5V
0V
–0.5V
–1.0V
–1.5V
1.5V
VO = 2V STEP
RL = 150Ω
500mV
25ns
Figure 32. AD8114 Pulse Response, Large Signal
0V
+5V
–1V
–0V
+1V
INPUT 1
AT +1V
INPUT 0
AT –1V
VOUT
UPDATE
10ns
Figure 33. AD8114 Switching Time
0.10V
0.05V
0V
–0.05V
–0.10V
–0.15V
0.15V
VO = 200mV STEP
RL = 150Ω
50mV
25ns
Figure 34. AD8115 Pulse Response, Small Signal
1.0V
0.5V
0V
–0.5V
–1.0V
–1.5V
1.5V
VO = 200mV STEP
RL = 150Ω
500mV
20ns
Figure 35. AD8115 Pulse Response, Large Signal
0V
+5V
–2V
–0V
+2V
INPUT 1
AT +1V
INPUT 0
AT –1V
VOUT
UPDATE
10ns
Figure 36. AD8115 Switching Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com