Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8601ARTZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8601ARTZ-R2
Description  Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8601ARTZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8601ARTZ-R2 Datasheet HTML 2Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 3Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 4Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 5Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 6Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 9Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8601/AD8602/AD8604
Rev. G | Page 6 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
3,000
2,500
2,000
1,500
1,000
500
0
VS = 3V
TA = 25°C
VCM = 0V TO 3V
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
INPUT OFFSET VOLTAGE (mV)
Figure 5. Input Offset Voltage Distribution
3,000
2,500
2,000
1,500
1,000
500
0
VS = 5V
TA = 25°C
VCM = 0V TO 5V
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
INPUT OFFSET VOLTAGE (mV)
Figure 6. Input Offset Voltage Distribution
60
50
40
30
20
10
0
VS = 3V
TA = 25°C TO 85°C
01
2
3
4
5
6
7
8
9
10
TCVOS (µV/°C)
Figure 7. Input Offset Voltage Drift Distribution
60
50
40
30
20
10
0
VS = 5V
TA = 25°C TO 85°C
01
2
3
4
5
6
7
8
9
10
TCVOS (µV/°C)
Figure 8. Input Offset Voltage Drift Distribution
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0
0.5
1.0
1.5
2.0
2.5
3.0
COMMON-MODE VOLTAGE (V)
VS = 3V
TA = 25°C
Figure 9. Input Offset Voltage vs. Common-Mode Voltage
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
01
2
3
4
COMMON-MODE VOLTAGE (V)
5
VS = 5V
TA = 25°C
Figure 10. Input Offset Voltage vs. Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com