Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9204 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9204
Description  10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9204 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9204 Datasheet HTML 17Page - Analog Devices AD9204 Datasheet HTML 18Page - Analog Devices AD9204 Datasheet HTML 19Page - Analog Devices AD9204 Datasheet HTML 20Page - Analog Devices AD9204 Datasheet HTML 21Page - Analog Devices AD9204 Datasheet HTML 22Page - Analog Devices AD9204 Datasheet HTML 23Page - Analog Devices AD9204 Datasheet HTML 24Page - Analog Devices AD9204 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
AD9204
Rev. 0 | Page 21 of 36
1V p-p
R
R
C
49.9Ω
0.1µF
10µF
10µF
0.1µF
AVDD
1kΩ
1kΩ
1kΩ
1kΩ
ADC
AVDD
VIN+x
VIN–x
Single-Ended Input Configuration
A single-ended input can provide adequate performance in
cost-sensitive applications. In this configuration, SFDR and
distortion performance degrade due to the large input common-
mode swing. If the source impedances on each input are matched,
there should be little effect on SNR performance. Figure 43
shows a typical single-ended input configuration.
Figure 43. Single-Ended Input Configuration
ADC
R
0.1µF
0.1µF
2V p-p
VIN+x
VIN–x
VCM
C
R
0.1µF
S
0.1µF
25Ω
25Ω
S
PA
P
Figure 44. Differential Double Balun Input Configuration
AD8352
0Ω
0Ω
CD
RD
RG
0.1µF
0.1µF
0.1µF
0.1µF
16
1
2
3
4
5
11
0.1µF
0.1µF
10
14
0.1µF
8, 13
VCC
200Ω
200Ω
ANALOG INPUT
ANALOG INPUT
R
R
C
ADC
VIN+x
VIN–x
VCM
Figure 45. Differential Input Configuration Using the AD8352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com