Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBY451616T-471Y-N Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PBY451616T-471Y-N
Description  SMD Chip Beads
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PBY451616T-471Y-N Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PBY451616T-471Y-N Datasheet HTML 1Page - List of Unclassifed Manufacturers PBY451616T-471Y-N Datasheet HTML 2Page - List of Unclassifed Manufacturers PBY451616T-471Y-N Datasheet HTML 3Page - List of Unclassifed Manufacturers PBY451616T-471Y-N Datasheet HTML 4Page - List of Unclassifed Manufacturers PBY451616T-471Y-N Datasheet HTML 5Page - List of Unclassifed Manufacturers PBY451616T-471Y-N Datasheet HTML 6Page - List of Unclassifed Manufacturers PBY451616T-471Y-N Datasheet HTML 7Page - List of Unclassifed Manufacturers PBY451616T-471Y-N Datasheet HTML 8Page - List of Unclassifed Manufacturers PBY451616T-471Y-N Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
8
ELECTRICAL CHARACTERISTICS NB Series
PART NO.
IMPEDANCE
TEST FREQUENCY
DC RESISTANCE
RATED CURRENT
(Ω) ±25%
(MHz)
(Ω) Max.
(mA) Max.
NBQ100505T-060Y-N
6
100
0.08
500
NBQ100505T-100Y-N
10
100
0.10
500
NBQ100505T-400Y-N
40
100
0.25
400
NBQ100505T-800Y-N
80
100
0.30
400
NBQ100505T-121Y-N
120
100
0.40
350
NBQ100505T-221Y-N
220
100
0.60
200
NBQ100505T-301Y-N
300
100
1.00
200
NBQ100505T-481Y-N
480
100
1.10
200
NBQ100505T-601Y-N
600
100
1.20
200
NBQ160808T-060Y-N
6
100
0.05
700
NBQ160808T-100Y-N
10
100
0.07
500
NBQ160808T-400Y-N
40
100
0.20
500
NBQ160808T-600Y-N
60
100
0.25
500
NBQ160808T-800Y-N
80
100
0.25
500
NBQ160808T-121Y-N
120
100
0.30
400
NBQ160808T-241Y-N
240
100
0.35
400
NBQ160808T-301Y-N
300
100
0.40
400
NBQ160808T-481Y-N
480
100
0.50
200
NBQ160808T-601Y-N
600
100
0.50
200
NBQ160808T-102Y-N
1,000
100
0.60
200
NBQ160808T-122Y-N
1,200
100
0.60
100
NBQ160808T-152Y-N
1,500
100
0.70
100
NBQ160808T-182Y-N
1,800
100
0.80
100
NBQ160808T-222Y-N
2,200
100
1.00
100
NBQ160808T-252Y-N
2,500
100
1.00
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com