Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8030AR-EBZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8030AR-EBZ
Description  Low Power, High Speed Rail-to-Rail Input/Output Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8030AR-EBZ Datasheet(HTML) 1 Page - Analog Devices

  AD8030AR-EBZ Datasheet HTML 1Page - Analog Devices AD8030AR-EBZ Datasheet HTML 2Page - Analog Devices AD8030AR-EBZ Datasheet HTML 3Page - Analog Devices AD8030AR-EBZ Datasheet HTML 4Page - Analog Devices AD8030AR-EBZ Datasheet HTML 5Page - Analog Devices AD8030AR-EBZ Datasheet HTML 6Page - Analog Devices AD8030AR-EBZ Datasheet HTML 7Page - Analog Devices AD8030AR-EBZ Datasheet HTML 8Page - Analog Devices AD8030AR-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low Power, High Speed
Rail-to-Rail Input/Output Amplifier
Data Sheet
AD8029/AD8030/AD8040
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2003–2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Qualified for automotive applications
Low power: 1.3 mA supply current/amplifier
High speed
125 MHz, –3 dB bandwidth (G = +1)
60 V/µs slew rate
80 ns settling time to 0.1%
Rail-to-rail input and output
No phase reversal, inputs 200 mV beyond rails
Wide supply range: 2.7 V to 12 V
Offset voltage: 6 mV maximum
Low input bias current
+0.7 µA to –1.5 µA
Small packaging
SOIC-8, SC70-6, SOT23-8, SOIC-14, TSSOP-14
APPLICATIONS
Automotive safety and vision systems
Battery-powered instrumentation
Filters
A-to-D drivers
Buffering
CONNECTION DIAGRAMS
NC = NO CONNECT
NC
1
–IN
2
+IN
3
–VS 4
DISABLE
+VS
VOUT
NC
8
7
6
5
VOUT 1
–VS 2
+IN
3
5
DISABLE
6
+VS
4
–IN
+
–
Figure 1. SOIC-8 (R)
Figure 2. SC70-6 (KS)
VOUT 1 1
–IN 1
2
+IN 1
3
–VS 4
+VOUT 2
+VS
–IN 2
+IN 2
8
7
6
5
+VS 4
+IN 2
5
–IN 2
6
VOUT 2 7
+IN 3
–VS
–IN 3
VOUT 3
11
10
9
8
VOUT 1 1
–IN 1
2
+IN 1
3
VOUT 4
–IN 4
+IN 4
14
13
12
Figure 3. SOIC-8 (R) and
SOT23-8 (RJ)
Figure 4. SOIC-14 (R) and
TSSOP-14 (RU)
GENERAL DESCRIPTION
The AD8029 (single), AD8030 (dual), and AD8040 (quad) are
rail-to-rail input and output high speed amplifiers with a quiescent
current of only 1.3 mA per amplifier. Despite their low power
consumption, the amplifiers provide excellent performance with
125 MHz small signal bandwidth and 60 V/µs slew rate. Analog
Devices, Inc., proprietary XFCB process enables high speed and
high performance on low power.
This family of amplifiers exhibits true single-supply operation
with rail-to-rail input and output performance for supply voltages
ranging from 2.7 V to 12 V. The input voltage range extends
200 mV beyond each rail without phase reversal. The dynamic
range of the output extends to within 40 mV of each rail.
The AD8029/AD8030/AD8040 provide excellent signal quality
with minimal power dissipation. At G = +1, SFDR is –72 dBc at
1 MHz and settling time to 0.1% is only 80 ns. Low distortion
and fast settling performance make these amplifiers suitable
drivers for single-supply analog-to-digital converters.
The versatility of the AD8029/AD8030/AD8040 allows the user
to operate the amplifiers on a wide range of supplies while con-
suming less than 6.5 mW of power. These features extend the
operation time in applications ranging from battery-powered
systems with large bandwidth requirements to high speed
systems where component density requires lower power
dissipation. The AD8040W is an automotive grade version,
qualified for automotive applications.
The AD8029/AD8030 are the only low power, rail-to-rail input
and output high speed amplifiers available in SOT23 and SC70
micro packages. The amplifiers are rated over the extended
industrial temperature range, –40°C to +125°C.
TIME (
µs)
03679-A-010
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
µs/DIV
G = +1
VS = +5V
RL = 1kΩ TIED TO MIDSUPPLY
INPUT
OUTPUT
Figure 5. Rail-to-Rail Response


Similar Part No. - AD8030AR-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8030AR-REEL AD-AD8030AR-REEL Datasheet
649Kb / 20P
Low Power, High Speed Rail-to-Rail Input/Output Amplifier
11/03-Data Sheet Changed from Rev. 0 to Rev. A
AD8030AR-REEL7 AD-AD8030AR-REEL7 Datasheet
649Kb / 20P
Low Power, High Speed Rail-to-Rail Input/Output Amplifier
11/03-Data Sheet Changed from Rev. 0 to Rev. A
More results

Similar Description - AD8030AR-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8040 AD-AD8040 Datasheet
649Kb / 20P
Low Power, High Speed Rail-to-Rail Input/Output Amplifier
11/03-Data Sheet Changed from Rev. 0 to Rev. A
AD8028 AD-AD8028 Datasheet
478Kb / 24P
Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
10/03-Data Sheet changed from Rev. A to Rev. B
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
Input/Output Rail-to-Rail Low Power Operational Amplifier
Dec-2005
logo
Analog Devices
AD8027 AD-AD8027_05 Datasheet
612Kb / 24P
Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
Input/output rail-to-rail low power operational amplifier
10-Dec-2007
logo
Analog Devices
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028_15 Datasheet
699Kb / 25P
Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8029 AD-AD8029_15 Datasheet
670Kb / 25P
Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
AD8030 AD-AD8030_15 Datasheet
670Kb / 25P
Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
AD8040 AD-AD8040_15 Datasheet
670Kb / 25P
Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com