Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9734BBC Datasheet(PDF) 26 Page - Analog Devices

Part # AD9734BBC
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9734BBC Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9734BBC Datasheet HTML 22Page - Analog Devices AD9734BBC Datasheet HTML 23Page - Analog Devices AD9734BBC Datasheet HTML 24Page - Analog Devices AD9734BBC Datasheet HTML 25Page - Analog Devices AD9734BBC Datasheet HTML 26Page - Analog Devices AD9734BBC Datasheet HTML 27Page - Analog Devices AD9734BBC Datasheet HTML 28Page - Analog Devices AD9734BBC Datasheet HTML 29Page - Analog Devices AD9734BBC Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 26 of 72
fOUT (MHz)
600
0
100
200
300
400
500
–150
–154
–156
–152
–158
–160
–162
–164
–166
–168
–170
1GSPS
1.2GSPS
Figure 53. AD9736 1-Tone NSD vs. fOUT over fDAC, 25°C
fOUT (MHz)
600
0
100
200
300
400
500
–150
–154
–156
–152
–158
–160
–162
–164
–166
–168
–170
+85°C
+25°C
–40°C
Figure 54. AD9736 1-Tone NSD vs. fOUT over Temperature, 1.2 GSPS
fOUT (MHz)
600
0
100
200
300
400
500
–150
–154
–156
–152
–158
–160
–162
–164
–166
–168
–170
1GSPS
1.2GSPS
Figure 55. AD9736 8-Tone NSD vs. fOUT over fDAC, 25°C
fOUT (MHz)
600
0
100
200
300
400
500
–150
–154
–156
–152
–158
–160
–162
–164
–166
–168
–170
+85°C
+25°C
–40°C
Figure 56. AD9736 8-Tone NSD vs. fOUT over Temperature, 1.2 GSPS
550
0
50
100 150 200 250 300 350 400 450 500
–159
–158
–160
–157
–161
–162
–163
–164
–165
–166
fOUT (MHz)
Figure 57. AD9736 1-Tone NSD vs. fOUT over 50 Parts, 1.2 GSPS, 25°C
550
0
50
100 150 200 250 300 350 400 450 500
–162
–163
–161
–164
–165
–166
–167
fOUT (MHz)
Figure 58. AD9736 8-Tone NSD vs. fOUT over 50 Parts, 1.2 GSPS, 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com