Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9734BBCRL Datasheet(PDF) 52 Page - Analog Devices

Part # AD9734BBCRL
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9734BBCRL Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9734BBCRL Datasheet HTML 48Page - Analog Devices AD9734BBCRL Datasheet HTML 49Page - Analog Devices AD9734BBCRL Datasheet HTML 50Page - Analog Devices AD9734BBCRL Datasheet HTML 51Page - Analog Devices AD9734BBCRL Datasheet HTML 52Page - Analog Devices AD9734BBCRL Datasheet HTML 53Page - Analog Devices AD9734BBCRL Datasheet HTML 54Page - Analog Devices AD9734BBCRL Datasheet HTML 55Page - Analog Devices AD9734BBCRL Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 52 of 72
DC-COUPLED DAC OUTPUT
In some cases, it may be desirable to dc-couple the AD973x
output. The best method for doing this is shown in Figure 94.
This circuit can be used with voltage or current feedback
amplifiers. Because the DAC output current is driving a virtual
ground, this circuit may offer enhanced settling times. The
settling time is limited by the op amp rather than by the DAC.
This circuit is intended for use where the amplifiers can be
powered by a bipolar supply.
IOUTA
DAC
OUTPUT
20mA
FULL SCALE
IOUTB
100
Ω
100
Ω
100
Ω
500
Ω
500
Ω
100
Ω
500
Ω
500
Ω
AVSS
AVSS
OUTPUT
2V p-p
+1V TO –1V
2V p-p
0V TO –2V
Figure 94. Op Amp I to V Conversion Output Circuit
An alternate circuit is shown in Figure 95. It suffers from dc
offset at the output unless the DAC load resistors are small,
relative to the amplifier gain and feedback resistors.
IOUTA
OUTPUT
AVSS
IOUTB
25
Ω
25
Ω
2k
Ω
AVSS
2k
Ω
1k
Ω
1k
Ω
DAC OUTPUT
20mA
FULL SCALE
2V p-p
0V TO –2V
0.5V p-p
0V TO –0.5V
Figure 95. Differential Op Amp Output Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com