Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9765ASTZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9765ASTZ
Description  10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9765ASTZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9765ASTZ Datasheet HTML 3Page - Analog Devices AD9765ASTZ Datasheet HTML 4Page - Analog Devices AD9765ASTZ Datasheet HTML 5Page - Analog Devices AD9765ASTZ Datasheet HTML 6Page - Analog Devices AD9765ASTZ Datasheet HTML 7Page - Analog Devices AD9765ASTZ Datasheet HTML 8Page - Analog Devices AD9765ASTZ Datasheet HTML 9Page - Analog Devices AD9765ASTZ Datasheet HTML 10Page - Analog Devices AD9765ASTZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Data Sheet
AD9763/AD9765/AD9767
Rev. G | Page 7 of 44
DIGITAL SPECIFICATIONS
TMIN to TMAX, AVDD = 3.3 V or 5 V, DVDD1 = DVDD2 = 3.3 V or 5 V, IOUTFS = 20 mA, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
DIGITAL INPUTS
Logic 1 Voltage @ DVDD1 = DVDD2 = 5 V
3.5
5
V
Logic 1 Voltage @ DVDD1 = DVDD2 = 3.3 V
2.1
3
V
Logic 0 Voltage @ DVDD1 = DVDD2 = 5 V
0
1.3
V
Logic 0 Voltage @ DVDD1 = DVDD2 = 3.3 V
0
0.9
V
Logic 1 Current
−10
+10
μA
Logic 0 Current
−10
+10
μA
Input Capacitance
5
pF
Input Setup Time (tS)
2.0
ns
Input Hold Time (tH)
1.5
ns
Latch Pulse Width (tLPW, tCPW)
3.5
ns
Timing Diagram
See Table 3 and the DAC Timing section for more information about the timing specifications.
DATA IN
(WRT2) (WRT1/IQWRT)
(CLK2) (CLK1/IQCLK)
tPD
IOUTA
OR
IOUTB
tS
tH
tLPW
tCPW
Figure 2. Timing Diagram for Dual and Interleaved Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com