Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9736-EB Datasheet(PDF) 39 Page - Analog Devices

Part # AD9736-EB
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736-EB Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9736-EB Datasheet HTML 35Page - Analog Devices AD9736-EB Datasheet HTML 36Page - Analog Devices AD9736-EB Datasheet HTML 37Page - Analog Devices AD9736-EB Datasheet HTML 38Page - Analog Devices AD9736-EB Datasheet HTML 39Page - Analog Devices AD9736-EB Datasheet HTML 40Page - Analog Devices AD9736-EB Datasheet HTML 41Page - Analog Devices AD9736-EB Datasheet HTML 42Page - Analog Devices AD9736-EB Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 39 of 72
INTERPOLATION FILTER
In 2× mode, the input data is interpolated by a factor of 2 so
that it aligns with the DAC update rate. The interpolation filter
is a hard-coded, 55-tap, symmetric FIR with a 0.001 dB pass-
band flatness and a stop-band attenuation of about 90 dB. The
transition band runs from 20% of fDAC to 30% of fDAC. The FIR
response is shown in Figure 75 where the frequency axis is
normalized to fDAC. Figure 76 shows the pass-band flatness and
Table 23 shows the 16-bit filter coefficients.
Table 23. FIR Interpolation Filter Coefficients
Coefficient Number
Coefficient Number
Tap Weight
1
55
−7
2
54
0
3
53
+24
4
52
0
5
51
−62
6
50
0
7
49
+135
8
48
0
9
47
−263
10
46
0
11
45
+471
12
44
0
13
43
−793
14
42
0
15
41
+1273
16
40
0
17
39
−1976
18
38
0
19
37
+3012
20
36
0
21
35
−4603
22
34
0
23
33
+7321
24
32
0
25
31
−13270
26
30
0
27
29
+41505
28
+65535
FREQUENCY NORMALIZED TO
fDAC
0.50
0
0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
Figure 75. Interpolation Filter Response
FREQUENCY NORMALIZED TO
fDAC
0.25
0
0.10
0.05
0.15
0.20
0.10
0.06
0.08
0.02
–0.02
–0.06
0.04
0
–0.04
–0.08
–0.10
Figure 76. Interpolation Filter Pass-Band Flatness
DATA INTERFACE CONTROLLERS
Two internal controllers are utilized in the operation of the
AD973x. The first controller helps maintain optimum LVDS
data sampling; the second controller helps maintain optimum
synchronization between the DACCLK and the incoming data.
The LVDS controller is responsible for optimizing the sampling
of the data from the LVDS bus (DB13:0), while the sync
controller resolves timing problems between the DAC_CLK
(CLK+, CLK−) and the DATACLK. A block diagram of these
controllers is shown in Figure 77.
DATACLK_OUT
DATACLK
DATACLK_IN
FIFO
DAC
LVDS
SAMPLE
LOGIC
CLK
CONTROL
LVDS
CONTROLLER
DB<13:0>
DATA
SOURCE
i.e., FPGA
SYNC
LOGIC
SYNC
CONTROLLER
Figure 77. Data Controllers
The controllers are clocked with a divided-down version of the
DAC_CLK. The divide ratio is set utilizing the controller clock
predivider bits (CCD<3:0>) located at Reg. 22, Bits 3:0 to
generate the controller clock as follows:
Controller Clock = DAC_CLK/(2(CCD<3:0> + 4))
Note that the controller clock cannot exceed 10 MHz for correct
operation. Until CCD<3:0> is properly programmed to meet
this requirement, the DAC output may not be stable. This
means the FIFO cannot be enabled in PIN_MODE unless the
DACCLK is less than 160 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com