Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6H71T Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6H71T
Description  2.7 MHz, 12V Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6H71T Datasheet(HTML) 3 Page - Microchip Technology

  MCP6H71T Datasheet HTML 1Page - Microchip Technology MCP6H71T Datasheet HTML 2Page - Microchip Technology MCP6H71T Datasheet HTML 3Page - Microchip Technology MCP6H71T Datasheet HTML 4Page - Microchip Technology MCP6H71T Datasheet HTML 5Page - Microchip Technology MCP6H71T Datasheet HTML 6Page - Microchip Technology MCP6H71T Datasheet HTML 7Page - Microchip Technology MCP6H71T Datasheet HTML 8Page - Microchip Technology MCP6H71T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
 2012 Microchip Technology Inc.
DS22325B-page 3
MCP6H71/2/4
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Absolute Maximum Ratings †
VDD – VSS.......................................................................13.2V
Current at Input Pins......................................................±2 mA
Analog Inputs (VIN+, VIN-)††.............VSS – 1.0V to VDD +1.0V
All Other Inputs and Outputs ............VSS – 0.3V to VDD +0.3V
Difference Input Voltage..........................................VDD – VSS
Output Short-Circuit Current...................................continuous
Current at Output and Supply Pins ..............................±65 mA
Storage Temperature.....................................-65°C to +150°C
Maximum Junction Temperature (TJ)...........................+150°C
ESD protection on all pins (HBM; MM)
 2 kV; 200V
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at those or any other conditions
above those indicated in the operational listings of this
specification is not implied. Exposure to maximum
rating conditions for extended periods may affect
device reliability.
†† See Section 4.1.2, Input Voltage Limits.
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, VDD = +3.5V to +12V, VSS = GND, TA = +25°C,
VCM =VDD/2 - 1.4V, VOUT  VDD/2, VL =VDD/2 and RL =10kto VL. (Refer to Figure 1-1).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Offset
Input Offset Voltage
VOS
-4
±1
4
mV
Input Offset Drift with Temperature
V
OS/TA
—±2.5
—
µV/°C TA = -40°C to +125°C
Power Supply Rejection Ratio
PSRR
82
105
—
dB
Input Bias Current and Impedance
Input Bias Current
IB
—10
—
pA
—400
—
pA
TA =+85°C
—9
25
nA
TA =+125°C
Input Offset Current
IOS
—±1
—
pA
Common Mode Input Impedance
ZCM
—1013||6
—
||pF
Differential Input Impedance
ZDIFF
—1013||6
—
||pF
Common Mode
Common Mode Input Voltage Range
VCMR
VSS – 0.3
—
VDD – 2.5
V
Common Mode Rejection Ratio
CMRR
76
96
—
dB
VCM = -0.3V to 1.0V,
VDD =3.5V
80
99
—
dB
VCM = -0.3V to 2.5V,
VDD =5V
80
103
—
dB
VCM = -0.3V to 9.5V,
VDD =12V
Open-Loop Gain
DC Open-Loop Gain (Large Signal)
AOL
100
120
—
dB
0.2V < VOUT <(VDD –
0.2V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com