Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6H94T-E/ST Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP6H94T-E/ST
Description  10 MHz, 12V Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6H94T-E/ST Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP6H94T-E/ST Datasheet HTML 19Page - Microchip Technology MCP6H94T-E/ST Datasheet HTML 20Page - Microchip Technology MCP6H94T-E/ST Datasheet HTML 21Page - Microchip Technology MCP6H94T-E/ST Datasheet HTML 22Page - Microchip Technology MCP6H94T-E/ST Datasheet HTML 23Page - Microchip Technology MCP6H94T-E/ST Datasheet HTML 24Page - Microchip Technology MCP6H94T-E/ST Datasheet HTML 25Page - Microchip Technology MCP6H94T-E/ST Datasheet HTML 26Page - Microchip Technology MCP6H94T-E/ST Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
 2012 Microchip Technology Inc.
DS25138B-page 23
MCP6H91/2/4
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
8-Lead SOIC (150 mil.) (MCP6H91, MCP6H92)
Example:
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Example:
8-Lead 2x3 TDFN (MCP6H91, MCP6H92)
MCP6H91E
SN ^^1223
256
3
e
ABG
123
25
Part Number
Code
MCP6H91T-E/MNY
ABG
MCP6H92T-E/MNY
ABH
14-Lead SOIC (150 mil) (MCP6H94)
Example:
YYWW
NNN
XXXXXXXX
14-Lead TSSOP (MCP6H94)
Example:
MCP6H94
E/SL
1223256
6H94E/ST
1223
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com