Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2515T-I/ST Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP2515T-I/ST
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515T-I/ST Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP2515T-I/ST Datasheet HTML 45Page - Microchip Technology MCP2515T-I/ST Datasheet HTML 46Page - Microchip Technology MCP2515T-I/ST Datasheet HTML 47Page - Microchip Technology MCP2515T-I/ST Datasheet HTML 48Page - Microchip Technology MCP2515T-I/ST Datasheet HTML 49Page - Microchip Technology MCP2515T-I/ST Datasheet HTML 50Page - Microchip Technology MCP2515T-I/ST Datasheet HTML 51Page - Microchip Technology MCP2515T-I/ST Datasheet HTML 52Page - Microchip Technology MCP2515T-I/ST Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
 2003-2012 Microchip Technology Inc.
DS21801G-page 49
MCP2515
REGISTER 6-3:
EFLG – ERROR FLAG
(ADDRESS: 2Dh)
R/W-0
R/W-0
R-0
R-0
R-0
R-0
R-0
R-0
RX1OVR
RX0OVR
TXBO
TXEP
RXEP
TXWAR
RXWAR
EWARN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
RX1OVR: Receive Buffer 1 Overflow Flag bit
- Set when a valid message is received for RXB1 and CANINTF.RX1IF = 1
- Must be reset by MCU
bit 6
RX0OVR: Receive Buffer 0 Overflow Flag bit
- Set when a valid message is received for RXB0 and CANINTF.RX0IF = 1
- Must be reset by MCU
bit 5
TXBO: Bus-Off Error Flag bit
- Bit set when TEC reaches 255
- Reset after a successful bus recovery sequence
bit 4
TXEP: Transmit Error-Passive Flag bit
- Set when TEC is equal to or greater than 128
- Reset when TEC is less than 128
bit 3
RXEP: Receive Error-Passive Flag bit
- Set when REC is equal to or greater than 128
- Reset when REC is less than 128
bit 2
TXWAR: Transmit Error Warning Flag bit
- Set when TEC is equal to or greater than 96
- Reset when TEC is less than 96
bit 1
RXWAR: Receive Error Warning Flag bit
- Set when REC is equal to or greater than 96
- Reset when REC is less than 96
bit 0
EWARN: Error Warning Flag bit
- Set when TEC or REC is equal to or greater than 96 (TXWAR or RXWAR = 1)
-
Reset when both REC and TEC are less than 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com