Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGC3130 Datasheet(PDF) 19 Page - Microchip Technology

Part # MGC3130
Description  Single-Zone 3D Gesture Controller Data Sheet
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3130 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MGC3130 Datasheet HTML 15Page - Microchip Technology MGC3130 Datasheet HTML 16Page - Microchip Technology MGC3130 Datasheet HTML 17Page - Microchip Technology MGC3130 Datasheet HTML 18Page - Microchip Technology MGC3130 Datasheet HTML 19Page - Microchip Technology MGC3130 Datasheet HTML 20Page - Microchip Technology MGC3130 Datasheet HTML 21Page - Microchip Technology MGC3130 Datasheet HTML 22Page - Microchip Technology MGC3130 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
 2012 Microchip Technology Inc.
Advance Information
DS41667A-page 19
MGC3130
Power-up Phases
• Reset or Deep Sleep: The system is kept in Reset
or is in Deep Sleep mode
• Power-up: Phase when the system starts up after
Reset/Deep Sleep has been released
• Processing operation: Processing mode is started
• Power-up Time-out
Signal References
• LSO: Low-Speed Oscillator clock
• HSO: High-Speed Oscillator clock
•VREF Enable: Voltage Reference enable signal
• HSO Enable: High-Speed Oscillator enable signal
• STEP-UP Enable: STEP-UP converter enable
signal
Figure 4-9 illustrates the power-down sequence
timings.
FIGURE 4-9:
POWER-DOWN SEQUENCE TIMINGS
TABLE 4-3:
POWER-UP TIME-OUT (tPWRT)
Signal
Symbol
Delay in LSO Cycles
After Reset
After Deep Sleep
(STEP-UP On)
After Deep Sleep
(STEP-UP Off)
VREF Enable
tVREF
00
0
HSO Enable
tHSO
22
2
STEP-UP
tSTEP-UP
44
x
SPU CLK
tSPUCLK
30
30
8
Power-Up
Time-Out
tPWRT
36
36
10
LSO
SPU CLK
STEP-UP enable
SPU halted
SPU running
HSO enable
VREF enable
Processing
operation
Power
down
Request
Deep Sleep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com