Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44134 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44134
Description  75 Ohm Mini SMB Jack Connector Solder Attachment 0.042 inch End Launch PCB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44134 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44134 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44134 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2013 Pasternack Enterprises All Rights Reserved
2
PE44134 REV
75 Ohm Mini SMB Jack Connector Solder Attachment 0.042 inch End Launch PCB
PE44134
CAD Drawing



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com