Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTD6501D Datasheet(PDF) 1 Page - Microchip Technology

Part # MTD6501D
Description  3-Phase Brushless DC Sinusoidal Sensorless Fan Motor Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTD6501D Datasheet(HTML) 1 Page - Microchip Technology

  MTD6501D Datasheet HTML 1Page - Microchip Technology MTD6501D Datasheet HTML 2Page - Microchip Technology MTD6501D Datasheet HTML 3Page - Microchip Technology MTD6501D Datasheet HTML 4Page - Microchip Technology MTD6501D Datasheet HTML 5Page - Microchip Technology MTD6501D Datasheet HTML 6Page - Microchip Technology MTD6501D Datasheet HTML 7Page - Microchip Technology MTD6501D Datasheet HTML 8Page - Microchip Technology MTD6501D Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2010-2012 Microchip Technology Inc.
DS22263B-page 1
Features
• Position Sensorless BLDC Drivers (No Hall
Sensor Required)
• 180° Sinusoidal Drive, for High Efficiency and Low
Acoustic Noise
• Support 2V to 14V Power Supplies
• Speed Control Through PAM and/or PWM
• Built-in Frequency Generator (FG Output Signal)
• Built-in Lock-up Protection and Automatic
Recovery Circuit (External Capacitor not
Necessary)
• Built-in Over Current Limitation and Short Circuit
Protection
• Built-in Thermal Shutdown Protection
• Thermally Enhanced SOP-8 Package for
MTD6501C and MTD6501G (Maximum Output
Current – 800 mA);
• MSOP-10L Package for MTD6501D (Maximum
Output Current – 500 mA)
• 20 kHz PWM Output Frequency for MTD6501C/D
and 23 kHz for MTD6501G
• Boost Mode (Optional Back Electromotive Force
(BEMF) Pre-amplification in MTD6501D)
• No External Tuning Required
Description
The MTD6501C/D/G devices are 3-phase, full-wave
drivers for brushless sensorless DC motors. They
feature 180° sinusoidal drive, high torque output, and
silent drive. Due to their adaptive features and wide
power-supply range capabilities (2V to 14V), they are
intended to cover a wide range of motor characteristics,
while requiring no external tuning from the user. Speed
control can be achieved through either power supply
modulation or pulse-width modulation (using the PWM
digital input pin).
Due to the compact packaging and minimum bill of
materials (power transistors incorporated, no Hall
sensor, no external tuning), they are best suited for low-
cost fan applications requiring high efficiency and low
acoustic noise, such as CPU cooling fans. Frequency
generator output enables precision speed control in
closed-loop applications. The MTD6501C/D/G drivers
include a Lock-up Protection mode, which turns off the
output current when the motor is under lock condition,
and an automatic recovery that enables the fan to run
when the lock condition is removed. Motor overcurrent
limitation,
short-circuit
protection
and
thermal-
shutdown protection are also included.
The MTD6501C and the MTD6501G are available in a
compact thermally-enhanced SOP-8 package, while
the MTD6501D is available in the MSOP-10L package.
Package Types
The MTD6501C/D/G devices are formerly products of
Advanced Silicon.
MTD6501D
MSOP
VDD
GND
OUT1
1
2
3
4
10
9
8
7
FG
PWM
BOOST
VCC
OUT3
OUT2 5
6 GND
MTD6501C, MTD6501G
SOP-8
OUT1
VDD
OUT2
1
2
3
4
8
7
6
5
FG
PWM
VCC
OUT3
GND
3-Phase Brushless DC Sinusoidal Sensorless Fan Motor Driver
MTD6501C/D/G


Similar Part No. - MTD6501D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MTD6501D MICROCHIP-MTD6501D Datasheet
1Mb / 2P
Highly Integrated 3-Phase BLDC Sinusoidal Sensorless
06/12
MTD6501D MICROCHIP-MTD6501D_17 Datasheet
363Kb / 22P
12V 3-Phase BLDC Sensorless Fan Controller Daughter Board
06/23/16
More results

Similar Description - MTD6501D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1673M SANYO-LB1673M Datasheet
98Kb / 4P
3-Phase Brushless, Sensorless Motor Driver?
logo
Microchip Technology
MTD6502B MICROCHIP-MTD6502B Datasheet
313Kb / 20P
5V 3-Phase BLDC Sinusoidal Sensorless Fan Motor Driver
2011
logo
Fairchild Semiconductor
FCM8201 FAIRCHILD-FCM8201 Datasheet
689Kb / 21P
3-Phase Sinusoidal Brushless DC Motor Controller
FCM8202 FAIRCHILD-FCM8202 Datasheet
639Kb / 13P
3-Phase Sinusoidal Brushless DC Motor Controller
logo
Microchip Technology
MTD6505 MICROCHIP-MTD6505 Datasheet
1Mb / 20P
Sinusoidal Sensorless 3-Phase Brushless DC Fan Motor Driver
2011
MTD6508 MICROCHIP-MTD6508 Datasheet
1Mb / 26P
3-Phase Sinusoidal Sensorless Brushless DC Fan Motor Driver
01/27/15
MTD6505 MICROCHIP-MTD6505_14 Datasheet
1Mb / 22P
3-Phase Sinusoidal Sensorless Brushless Motor Driver
03/25/14
MCP8063 MICROCHIP-MCP8063 Datasheet
392Kb / 20P
3-Phase Brushless Sinusoidal Sensorless Motor Driver
03/25/14
logo
Feeling Technology Corp...
FD036KT FEELING-FD036KT Datasheet
148Kb / 11P
Sensorless 3-phase brushless DC Motor driver
logo
Allegro MicroSystems
A5936 ALLEGRO-A5936 Datasheet
668Kb / 12P
Three Phase Sensorless Sinusoidal Fan Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com