| Electronic Components Datasheet Search |
|
PIC16F1823 Datasheet(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1823 Datasheet(HTML) 9 Page - Microchip Technology |
|
9 / 410 page ![]() 2011-2012 Microchip Technology Inc. DS41441C-page 9 PIC12(L)F1840 TABLE 1-2: PIC12(L)F1840 PINOUT DESCRIPTION Name Function Input Type Output Type Description RA0/AN0/CPS0/C1IN+/ DACOUT/TX/CK/SDO/ SS(1)/P1B/MDOUT/ICSPDAT/ ICDDAT RA0 TTL CMOS General purpose I/O. AN0 AN — ADC Channel 0 input. CPS0 AN — Capacitive sensing input 0. C1IN+ AN — Comparator C1 positive input. DACOUT — AN Digital-to-Analog Converter output. TX — CMOS USART asynchronous transmit. CK ST CMOS USART synchronous clock. SDO — CMOS SPI data output. SS ST — Slave Select input. P1B — CMOS PWM output. MDOUT — CMOS Modulator output. ICSPDAT ST CMOS ICSP™ Data I/O. RA1/AN1/CPS1/VREF/C1IN0-/ SRI/RX/DT/SCL/SCK/ MDMIN/ICSPCLK/ICDCLK RA1 TTL CMOS General purpose I/O. AN1 AN — ADC Channel 1 input. CPS1 AN — Capacitive sensing input 1. VREF AN — ADC and DAC Positive Voltage Reference input. C1IN0- AN — Comparator C1 negative input. SRI ST — SR Latch input. RX ST — USART asynchronous input. DT ST CMOS USART synchronous data. SCL I2C™ OD I2C™ clock. SCK ST CMOS SPI clock. MDMIN ST — Modulator source input. ICSPCLK ST — Serial Programming Clock. RA2/AN2/CPS2/C1OUT/SRQ/ T0CKI/CCP1/P1A/FLT0/ SDA/SDI/INT/MDCIN1 RA2 ST CMOS General purpose I/O. AN2 AN — ADC Channel 2 input. CPS2 AN — Capacitive sensing input 2. C1OUT — CMOS Comparator C1 output. SRQ — CMOS SR Latch non-inverting output. T0CKI ST — Timer0 clock input. CCP1 ST CMOS Capture/Compare/PWM 1. P1A — CMOS PWM output. FLT0 ST — ECCP Auto-Shutdown Fault input. SDA I2C™ OD I2C™ data input/output. SDI CMOS — SPI data input. INT ST — External interrupt. MDCIN1 ST — Modulator Carrier Input 1. RA3/SS/T1G(1)/VPP/MCLR RA3 TTL — General purpose input. SS ST — Slave Select input. T1G ST — Timer1 Gate input. VPP HV — Programming voltage. MCLR ST — Master Clear with internal pull-up. Legend: AN = Analog input or output CMOS= CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C HV = High Voltage XTAL = Crystal levels Note 1: Alternate pin function selected with the APFCON (Register 12-1) register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |