Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44280 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44280
Description  7/16 DIN Male Right Angle Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44280 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44280 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44280 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44280 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
7/16 DIN Male Right Angle Connector Clamp/Solder
Attachment For RG213, RG214, RG8, RG9, RG225, RG393
7/16 DIN Male Right Angle Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225,
RG393
Configuration
Connector
7/16 DIN Male
Connector Interface Type
RG213,RG214,RG8,RG9,RG225,RG393
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.875 [47.63]
Width/Dia., in [mm]
1.25 [32]
Height, in [mm]
1.84 [46.74]
.
Weight, lbs [g]
0.385 [174.63]
Connector
Type
7/16 DIN Male
Contact Material and Plating
Silver
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in
1 1/4
Torque, in-lbs [Nm]
18 [2.03]
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male Right Angle Connector Clamp/Solder Attachment For RG213, RG214, RG8,
RG9, RG225, RG393 PE44280
PE44280
PE44280 REV


Similar Part No. - PE44280

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4428 PASTERNACK-PE4428 Datasheet
124Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG174 RG188 &RG316(CAPTIVE CONTACT)
PE44281 PASTERNACK-PE44281 Datasheet
238Kb / 3P
7 - 16 DIN Male Right Angle Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44282 PASTERNACK-PE44282 Datasheet
215Kb / 2P
7/16 DIN Male Right Angle Connector Clamp/ Solder Attachment For RG14, RG217
PE44283 PASTERNACK-PE44283 Datasheet
317Kb / 2P
7/16 DIN Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE44284 PASTERNACK-PE44284 Datasheet
114Kb / 1P
7/16 FEMALE, CRIMP ATTACHMENT FOR RE8 & RG213
More results

Similar Description - PE44280

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4109 PASTERNACK-PE4109 Datasheet
318Kb / 2P
BNC Male Connector Clamp/Solder Attachment For RG213.RG214,RG8,RG9,RG225,RG393
PE44283 PASTERNACK-PE44283 Datasheet
317Kb / 2P
7/16 DIN Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4182 PASTERNACK-PE4182 Datasheet
314Kb / 2P
HN Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4387 PASTERNACK-PE4387 Datasheet
316Kb / 3P
BNC Male Right Angle Connector Clamp/Solder Attachment For RG213,RG214 RG8,RG9,RG11,RG225,RG393
PE4520 PASTERNACK-PE4520 Datasheet
312Kb / 3P
SC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4564 PASTERNACK-PE4564 Datasheet
214Kb / 2P
LC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4711 PASTERNACK-PE4711 Datasheet
478Kb / 3P
RP BNC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4136 PASTERNACK-PE4136 Datasheet
316Kb / 3P
N Male Right Angle Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4979 PASTERNACK-PE4979 Datasheet
221Kb / 2P
SC Male Right Angle Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE44447 PASTERNACK-PE44447 Datasheet
224Kb / 3P
LC Male Right Angle Connector Clamp-Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com