| Electronic Components Datasheet Search |
|
PIC16F1787 Datasheet(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1787 Datasheet(HTML) 13 Page - Microchip Technology |
|
13 / 450 page ![]() 2011-2012 Microchip Technology Inc. Preliminary DS41579D-page 13 PIC16(L)F1782/3 RB6/TX(1)/CK(1)/SDI(1)/SDA(1)/ ICSPCLK RB6 TTL/ST CMOS General purpose I/O. TX — CMOS USART asynchronous transmit. CK ST CMOS USART synchronous clock. SDI ST — SPI data input. SDA I2COD I2C™ data input/output. ICSPCLK ST — Serial Programming Clock. RB7/DACOUT2/RX(1)/DT(1)/ SCK(1)/SCL(1)/ICSPDAT RB7 TTL/ST CMOS General purpose I/O. DACOUT2 — AN Voltage Reference output. RX ST — USART asynchronous input. DT ST CMOS USART synchronous data. SCK ST CMOS SPI clock. SCL I2COD I2C™ clock. ICSPDAT ST CMOS ICSP™ Data I/O. RC0/T1OSO/T1CKI/PSMC1A RC0 TTL/ST CMOS General purpose I/O. T1OSO XTAL XTAL Timer1 oscillator connection. T1CKI ST — Timer1 clock input. PSMC1A — CMOS PSMC1 output A. RC1/T1OSI/PSMC1B/CCP2(1) RC1 TTL/ST CMOS General purpose I/O. T1OSI XTAL XTAL Timer1 oscillator connection. PSMC1B — CMOS PSMC1 output B. CCP2 ST CMOS Capture/Compare/PWM2. RC2/PSMC1C/CCP1(1) RC2 TTL/ST CMOS General purpose I/O. PSMC1C — CMOS PSMC1 output C. CCP1 ST CMOS Capture/Compare/PWM1. RC3/PSMC1D/SCK(1)/SCL(1) RC3 TTL/ST CMOS General purpose I/O. PSMC1D — CMOS PSMC1 output D. SCK ST CMOS SPI clock. SCL I2COD I2C™ clock. RC4/PSMC1E/SDI(1)/SDA(1) RC4 TTL/ST CMOS General purpose I/O. PSMC1E — CMOS PSMC1 output E. SDI ST — SPI data input. SDA I2COD I2C™ data input/output. RC5/PSMC1F/SDO(1) RC5 TTL/ST CMOS General purpose I/O. PSMC1F — CMOS PSMC1 output F. SDO — CMOS SPI data output. RC6/PSMC2A/TX(1)/CK(1) RC6 TTL/ST CMOS General purpose I/O. PSMC2A — CMOS PSMC2 output A. TX — CMOS USART asynchronous transmit. CK ST CMOS USART synchronous clock. RC7/PSMC2B/RX(1)/DT(1) RC7 TTL/ST CMOS General purpose I/O. PSMC2B — CMOS PSMC2 output B. RX ST — USART asynchronous input. DT ST CMOS USART synchronous data. TABLE 1-2: PIC16(L)F1782/3 PINOUT DESCRIPTION (CONTINUED) Name Function Input Type Output Type Description Legend: AN = Analog input or output CMOS= CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C HV = High Voltage XTAL = Crystal levels Note 1: Pin functions can be assigned to one of two locations via software. See Register 13-1. 2: All pins have Interrupt-on-Change functionality. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |