Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM6306D131ARJZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM6306D131ARJZ-R7
Description  Multiple Input Programmable Supervisory ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6306D131ARJZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM6306D131ARJZ-R7 Datasheet HTML 4Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 5Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 6Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 7Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 8Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 9Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 10Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 11Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet
ADM6305/ADM6306
Rev. A | Page 11 of 12
OUTLINE DIMENSIONS
Figure 18. 5-Lead Small Outline Transistor Package [SOT-23]
(RJ-5)
Dimensions shown in millimeters
Figure 19. ADM6305/ADM6306 Reel Orientation
ORDERING GUIDE
Model1, 2, 3
Temperature Range
Ordering Quantity4
Package Description
Package Option
Branding
ADM6305D3ARJZ-RL7
−40°C to +125°C
3,000
5-Lead SOT-23
RJ-5
LG9
ADM6305D3ARJZ1-RL7
−40°C to +125°C
3,000
5-Lead SOT-23
RJ-5
LG8
ADM6306D131ARJZ-R7
−40°C to +125°C
3,000
5-Lead SOT-23
RJ-5
LGA
ADM6306D131ARJZ1R7
−40°C to +125°C
3,000
5-Lead SOT-23
RJ-5
LGC
ADM6306D329ARJZ-R7
−40°C to +125°C
3,000
5-Lead SOT-23
RJ-5
LLY
ADM6306D330ARJZ-R7
−40°C to +125°C
3,000
5-Lead SOT-23
RJ-5
LM0
ADM6306D331ARJZ-R7
−40°C to +125°C
3,000
5-Lead SOT-23
RJ-5
LG6
ADM6306D344ARJZ-R7
−40°C to +125°C
3,000
5-Lead SOT-23
RJ-5
LM1
ADM6306D346ARJZ-R7
−40°C to +125°C
3,000
5-Lead SOT-23
RJ-5
LLZ
1 ADM6305 and ADM6306 follow the C2 Pin 1 orientation standard for tape and reel packaging (see Figure 19).
2 If ordering nonstandard models, complete the ordering code shown in Figure 16 and Figure 17 by inserting the reset threshold, reset timeout, and adjustable
threshold suffixes. Contact Sales for availability of nonstandard models, quoting ADM6305-NTSD or ADM6306-NTSD first, and then the complete ordering code.
3 Z = RoHS Compliant Part.
4 A minimum of 10,000 must be ordered for nonstandard models.
COMPLIANT TO JEDEC STANDARDS MO-178-AA
10°
SEATING
PLANE
1.90
BSC
0.95 BSC
0.60
BSC
5
12
3
4
3.00
2.90
2.80
3.00
2.80
2.60
1.70
1.60
1.50
1.30
1.15
0.90
0.15 MAX
0.05 MIN
1.45 MAX
0.95 MIN
0.20 MAX
0.08 MIN
0.50 MAX
0.35 MIN
0.55
0.45
0.35
ROUND SPROCKET HOLES
DIRECTION OF FEED
PIN 1 MARKER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com