Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR01WARZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADR01WARZ-R7
Description  Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR01WARZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADR01WARZ-R7 Datasheet HTML 11Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 12Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 13Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 14Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 15Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 16Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 17Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 18Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
ADR01/ADR02/ADR03/ADR06
Rev. R | Page 15 of 20
APPLICATIONS INFORMATION
OVERVIEW
The ADR01/ADR02/ADR03/ADR06 are high precision, low
drift 10.0 V, 5.0 V, 2.5 V, and 3.0 V voltage references available
in an ultracompact footprint. The 8-lead SOIC versions of the
devices are drop-in replacements of the REF01/REF02/REF03
sockets with improved cost and performance.
These devices are standard band gap references (see Figure 34).
The band gap cell contains two NPN transistors (Q18 and Q19)
that differ in emitter area by 2×. The difference in their VBE
produces a proportional-to-absolute temperature current (PTAT)
in R14, and, when combined with the VBE of Q19, produces a
band gap voltage, VBG, that is almost constant in temperature.
With an internal op amp and the feedback network of R5 and
R6, VO is set precisely at 10.0 V, 5.0 V, 2.5 V, and 3.0 V for the
ADR01, ADR02, ADR06, and ADR03, respectively. Precision
laser trimming of the resistors and other proprietary circuit
techniques are used to further enhance the initial accuracy,
temperature curvature, and drift performance of the ADR01/
ADR02/ADR03/ADR06.
The PTAT voltage is made available at the TEMP pin of the
ADR01/ADR02/ADR03/ADR06. It has a stable 1.96 mV/°C
temperature coefficient, such that users can estimate the
temperature change of the device by knowing the voltage
change at the TEMP pin.
APPLYING THE ADR01/ADR02/ADR03/ADR06
Input and Output Capacitors
Although the ADR01/ADR02/ADR03/ADR06 are designed to
function stably without any external components, connecting a
0.1 μF ceramic capacitor to the output is highly recommended
to improve stability and filter out low level voltage noise. An
additional 1 μF to 10 μF electrolytic, tantalum, or ceramic
capacitor can be added in parallel to improve transient per-
formance in response to sudden changes in load current;
however, the designer should keep in mind that doing so
increases the turn-on time of the device.
A 1 μF to 10 μF electrolytic, tantalum or ceramic capacitor can
also be connected to the input to improve transient response in
applications where the supply voltage may fluctuate. An addi-
tional 0.1 μF ceramic capacitor should be connected in parallel
to reduce supply noise. Mount both input and output capacitors
as close to the device pins as possible.
Output Adjustment
The ADR01/ADR02/ADR03/ADR06 trim terminal can be used
to adjust the output voltage over a nominal voltage. This feature
allows a system designer to trim system errors by setting the
reference to a voltage other than 10.0 V/5.0 V/2.5 V/3.0 V. For
finer adjustment, add a series resistor of 470 kΩ. With the con-
figuration shown in Figure 35, the ADR01 can be adjusted from
9.70 V to 10.05 V, the ADR02 can be adjusted from 4.95 V to
5.02 V, the ADR06 can be adjusted from 2.8 V to 3.3 V, and the
ADR03 can be adjusted from 2.3 V to 2.8 V. Adjustment of the
output does not significantly affect the temperature performance
of the device, provided the temperature coefficients of the resis-
tors are relatively low.
U1
ADR01/
ADR02/
ADR03/
ADR06
VO
C2
0.1µF
C1
0.1µF
VIN
VIN
VOUT
TEMP TRIM
GND
Figure 33. Basic Configuration
R1
R2
R3
R4
VIN
Q23
Q1
Q2
Q7
Q8
Q9
Q3
Q10
D1
D2
Q4
VO
D3
C1
R13
Q12
Q13
R5
I1
R12
Q14 Q15
2×
1×
VBG
R20
TRIM
Q18
TEMP
R27
Q19
Q16
Q17
Q20
R6
R42
R41
R24
R32
R11
R17
R14
GND
Figure 34. Simplified Schematic Diagram
U1
ADR01/
ADR02/
ADR03/
ADR06
VIN
VOUT
TEMP TRIM
GND
VIN
VO
POT
10kΩ
R2
1kΩ
R1
470kΩ
Figure 35. Optional Trim Adjustment
Temperature Monitoring
As described at the end of the Overview section, the ADR01/
ADR02/ADR03/ADR06 provide a TEMP output (Pin 1 in Figure 1
and Pin 3 in Figure 2) that varies linearly with temperature.
This output can be used to monitor the temperature change in the
system. The voltage at VTEMP is approximately 550 mV at 25°C,
and the temperature coefficient is approximately 1.96 mV/°C
(see Figure 36). A voltage change of 39.2 mV at the TEMP pin
corresponds to a 20°C change in temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com